Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9559 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9559
Description  5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9559 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9559 Datasheet HTML 3Page - NXP Semiconductors PCA9559 Datasheet HTML 4Page - NXP Semiconductors PCA9559 Datasheet HTML 5Page - NXP Semiconductors PCA9559 Datasheet HTML 6Page - NXP Semiconductors PCA9559 Datasheet HTML 7Page - NXP Semiconductors PCA9559 Datasheet HTML 8Page - NXP Semiconductors PCA9559 Datasheet HTML 9Page - NXP Semiconductors PCA9559 Datasheet HTML 10Page - NXP Semiconductors PCA9559 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors
Product data
PCA9559
5-bit multiplexed/1-bit latched 6-bit
I2C EEPROM DIP switch
2003 Jun 27
8
tSP
tBUF
tHD;STA
P
P
S
tLOW
tR
tHD;DAT
tF
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
SU00645
Figure 5. Definition of timing
MUX INPUT
VM
VM
VM
MUX OUTPUT
VOL
tPHL
tPLZ
VOL + 0.3V
SW00500
VO
Figure 6. Open drain output enable and disable times
DEFINITIONS
RL = Load resistor; 1 kΩ
CL = Load capacitance includes jig and probe capacitance;
10 pF
RT = Termination resistance should be equal to ZOUT of
pulse generators.
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
RL
Test Circuit for Open Drain Outputs
RT
SW00510
VO
Figure 7. Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com