Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB9N65APBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB9N65APBF.
Description  SMPS MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N65APBF. Datasheet(HTML) 1 Page - International Rectifier

  IRFB9N65APBF. Datasheet HTML 1Page - International Rectifier IRFB9N65APBF. Datasheet HTML 2Page - International Rectifier IRFB9N65APBF. Datasheet HTML 3Page - International Rectifier IRFB9N65APBF. Datasheet HTML 4Page - International Rectifier IRFB9N65APBF. Datasheet HTML 5Page - International Rectifier IRFB9N65APBF. Datasheet HTML 6Page - International Rectifier IRFB9N65APBF. Datasheet HTML 7Page - International Rectifier IRFB9N65APBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFB9N65APbF
06/16/04
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
VDSS
RDS(on) max
ID
650V
0.93
Ω
8.5A
Typical SMPS Topologies
l Single Transistor Flyback
Notes
 through … are on page 8
l Single Transistor Forward
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
8.5
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
5.4
A
IDM
Pulsed Drain Current
ˆ
21
PD @TC = 25°C
Power Dissipation
167
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒˆ
2.8
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
TO-220AB
PD - 95416


Similar Part No. - IRFB9N65APBF.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB9N65APBF VISHAY-IRFB9N65APBF Datasheet
158Kb / 8P
Power MOSFET
21-Jul-08
IRFB9N65APBF VISHAY-IRFB9N65APBF Datasheet
180Kb / 9P
Power MOSFET
16-Aug-2021
IRFB9N65APBF-BE3 VISHAY-IRFB9N65APBF-BE3 Datasheet
180Kb / 9P
Power MOSFET
16-Aug-2021
More results

Similar Description - IRFB9N65APBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730AS IRF-IRF730AS Datasheet
162Kb / 10P
SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR12N25DPBF KERSEMI-IRFR12N25DPBF Datasheet
3Mb / 10P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com