Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB8517P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCB8517P
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517P Datasheet(HTML) 2 Page - NXP Semiconductors

  PCB8517P Datasheet HTML 1Page - NXP Semiconductors PCB8517P Datasheet HTML 2Page - NXP Semiconductors PCB8517P Datasheet HTML 3Page - NXP Semiconductors PCB8517P Datasheet HTML 4Page - NXP Semiconductors PCB8517P Datasheet HTML 5Page - NXP Semiconductors PCB8517P Datasheet HTML 6Page - NXP Semiconductors PCB8517P Datasheet HTML 7Page - NXP Semiconductors PCB8517P Datasheet HTML 8Page - NXP Semiconductors PCB8517P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Mar 03
2
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
FEATURES
Interface with microcontroller
• 3-wire high speed (maximum 2.5 Mbits/s) serial
interface with three types of transmission sequence.
On-Screen Display (OSD)
• On-chip PLL oscillator to generate the OSD dot clock
frequency which is 384
× horizontal sync frequency
• Horizontal sync frequency range of 10 to 100 kHz
• 10 rows of 24 characters display buffer
• 128 character fonts
• 12 × 16 character matrix
• Programmable height of displayed character (from
16 to 63 scan-lines); frame basis
• 4 types of character size; single/double character
height/width; row basis
• Horizontal starting position: 32 different positions
(6 dots for each step)
• Vertical starting position: 64 different positions
(4 scan-lines for each step)
• 8 foreground character colours: selection of only 2 out of
the 8 (outside the window) and 4 out of the of 8 (in the
window) in the same row
• 3 character shadowing modes:
– No shadow
– Shadowing
– Bordering shadow
• 3 fully programmable background windows with
overlapping capability and presetting priorities (for
multi-level application). The window colour can be
selected from 1 out of 8
• Half tone in background window supported
• Single 5 V power supply
• Available in DIP16 package.
GENERAL DESCRIPTION
The PCB8517 is a stand-alone OSD which is used to
display the adjustment/status information on the screen of
an auto-sync monitor for menu driving application.
The display operation of the device is controlled by a
microcontroller which programs the internal 273 bytes of
RAM via a 3-wire high-speed serial interface. The on-chip
PLL oscillator and programmable character height are
used to keep the same character size displayed on the
screen in different display modes, VGA, SVGA and XGA
for example.
The OSD of the PCB8517 provides display buffers of
10 rows with 24 characters each. These display buffers
can select from 128 customized character fonts (with
12
× 16 bit resolution) to be displayed. The characters
displayed on the screen can be specified double height,
double width, different colour and with/without shadowing.
Three positional background windows are provided for
multi-level application.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCB8517P
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com