Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3A13 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 3A13
Description  TYPE CERTIFICATE DATA SHEET NO. 3A13
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3A13 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 3A13 Datasheet HTML 17Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 18Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 19Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 20Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 21Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 22Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 23Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 24Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Rev. 66
Page 21 of 37
3A13
Data Pertinent to Model Items I through XII, continued
1. Stall warning indicator, Cessna Dwg. S1672-5.
The equipment portion of Aircraft Specification 3A13, Revision 15, or Cessna
Publication TS3000-13 should be used for equipment references on all aircraft prior to
the Model 182G. Refer to the applicable Equipment List for the Model 182G and
subsequent models.
NOTE 1.
Current weight and balance report including list of equipment included in certificated empty weight, and
loading instructions when necessary must be provided for each aircraft at the time of original certification.
Serial Numbers
613 and 33000 through 34999
631 and 51001 through 53007
18253008 through 18264295 except 18263479
The certificated empty weight and corresponding center of gravity location must include unusable fuel of
30 lb. (+46) on Models 182, 182E, 182F, 182G, 182H, 182J, 182K, 182L, 182M, 182N and 182P through
18264295 and 60 lb. (+46) on Models 182A, 182B, 182C and 182D and undrainable oil of 0 lb.
Serial Numbers 18263479, 18264296 through 18266590
The certificated empty weight and corresponding center of gravity location must include unusable fuel of
30 lb. (+46) and full oil of 22.5 lb. at (-15.0).
Serial Numbers 18266591 through 18268055
The certificated empty weight and corresponding center of gravity location must include unusable fuel of
24 lb. at (+48) and full oil of 22.5 lb. at (-15.0) for the 182Q, 182R Model, and include oil of 16.9 lb. at
(-14.8) for the T182 Model.
Serial Numbers 18268056 through 18268586
The certificated empty weight and corresponding center of gravity location must include unusable fuel of
24 lb. at (+48) and full oil of 24.4 lb. at (-14.1) for the 182R, and include oil of 16.9 lb. at (-14.8) for the
T182.
Serial Numbers R18200002 through R18200583
The certificated empty weight and corresponding center of gravity location must include unusable fuel of
30 lb. (+46) and include oil of 16.9 lb. (-15.7).
Serial Numbers R18200001, R18200584 through R18202041
The certificated empty weight and corresponding center of gravity location must include unusable fuel of
24 lb. (+48) and include oil of 16.9 lb. (-14.8).
NOTE 2.
The following placards must be displayed in locations as indicated:
A.
Applicable to Model 182 only:
(1) In full view of the pilot:
(a) "This airplane must be operated as a normal category airplane in compliance with operating
limitations stated in the form of placards, markings and manuals. No acrobatic maneuvers
including spins approved.
Flight Maneuvering Load Factors
Flaps Up
+3.8 -1.52
Flaps Down
+3.5
Maximum design weight 2550 lb.
Reference weight and balance data for loading instructions."
(b) "Both tanks on for takeoff and landing."
(c) "Flaps - Pull to extend
Takeoff
Retracted
0°
1st Notch
10°
2nd Notch
20°
Landing
3rd Notch
30°
4th Notch
40°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com