Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6115 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DF6115
Description  Backlight LED driver chip DF6115
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DF6115 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DF6115 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
内部逻辑图
电参数
(未作特别说明,均在 VIN=12.0V, 环境温度 Ta= 25℃下测试)
参
数
符号
测试条件
最小值
典型值
最大值
单位
系统状态
工作电流
IOFF
ENA<0.7V
80
120
200
μ
A
ION
ENA>1.5V
4
5
6
mA
灯电流控制
FB 比较基准
Vfb
ENA>1.5V CCMP=100nf
210
220
230
mV
BOOST 升压
VCC 电压
低电压保护
VLH
ENA=3V
输入低压保护
9.5
V
VLL
8.5
最高输入电压
VCCMA
X
ENA=3V
24
CMP 电容上灌
拉电流
ICMP
CCMP=100nf
10
μ
A
MOS 栅极充放
电电流
IGATE
升压
MOS 栅极无外串电阻
(内置
8 欧,下拉 8k 到地)
500
mA
工作频率
fOSC
ENA=3V,FZ 管脚悬空
260
280
300
KHz
最大占空比
DMAX
88
90
92
%
最小占空比
DMIN
8
10
12
OVP 检测电压
VOVP
OVP 管脚内置 220uA 下拉电流
9
9.5
10
V
DF611
5
深圳市国顺威电子有限公司
www.guoshunwei.com 0755-29786700 29786200 82792272
地址:深圳市宝安区宝安大道2125-1号广安大厦六楼613



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com