Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3310A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD3310A
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310A Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD3310A Datasheet HTML 1Page - NXP Semiconductors PCD3310A Datasheet HTML 2Page - NXP Semiconductors PCD3310A Datasheet HTML 3Page - NXP Semiconductors PCD3310A Datasheet HTML 4Page - NXP Semiconductors PCD3310A Datasheet HTML 5Page - NXP Semiconductors PCD3310A Datasheet HTML 6Page - NXP Semiconductors PCD3310A Datasheet HTML 7Page - NXP Semiconductors PCD3310A Datasheet HTML 8Page - NXP Semiconductors PCD3310A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1996 Nov 21
3
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
1
FEATURES
• Pulse, DTMF and ‘mixed mode’ dialling
• Mixed mode dialling: start with pulse dial, end with
DTMF dial (e.g. for control of DTMF user equipment via
a pulse network)
• 23-digit memory stores last number dialled, or number
noted during conversation (notepad)
• Redial of both PABX and external calls
• Supports 16 dial keys: 0 to 9, ∗, # A, B, C, and D
• Supports 4 function keys:
– Program (P) used to input notepad numbers
– Flash (FL) allows re-dialling without on-hook
– Redial (R) recalls and redialls stored number
– Change from pulse dial to DTMF dial in
mixed mode (>)
• DTMF timing:
– for manual dialling, maximum duration burst/pause
intervals are user-determined, but at least minimum
duration burst/pause intervals are ensured
– for redial, minimum duration burst/pause intervals are
used
• On-chip voltage reference for supply and temperature
independent tone output
• On-chip filtering for low output distortion
(CEPT compatible)
• On-chip oscillator uses low-cost 3.58 MHz (TV colour
burst) crystal or piezo resonator
• Uses standard single-contact or double-contact
(common left open) keyboard
• Keyboard entries fully debounced
• Flash (register recall) output.
2
GENERAL DESCRIPTION
The PCD3310 and PCD3310A are single-chip silicon gate
CMOS integrated circuits. They are dual-standard diallers
for pulse or dual tone multi-frequency (DTMF) dialling, with
on-chip oscillators suitable for use with 3.58 MHz crystals.
Input data is derived from any standard matrix keyboard
for dialling in either the pulse or DTMF mode.
Numbers up to 23 digits can be retained in RAM for
dialling/redialling.
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
operating supply voltage
2.5
−
6.0
V
Vstb
standby supply voltage
1.8
−
6.0
V
IDD(stb)
standby current (on hook)
Vstb = 1.8 V
−
1.4
4
µA
IDD(conv)
operating current in conversation mode
VDD =3V
−−
150
µA
IDD(pulse)
operating current in pulse dialling mode
VDD =3V
−−
200
µA
IDD(DTMF)
operating current in DTMF dialling mode
VDD =3V
−
0.6
0.9
mA
VHG(RMS)
DTMF output voltage level for HIGH group
(RMS value)
−
192
−
mV
VLG(RMS)
DTMF output voltage level for LOW group
(RMS value)
−
150
−
mV
Gv
voltage gain (pre-emphasis) of group
−
2.1
−
dB
THD
total harmonic distortion
−−25
−
dB
Tamb
operating ambient temperature
−25
−
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com