Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-5000 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-5000
Description  Material Hardness Tester PCE-5000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-5000 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-5000 Datasheet HTML 1Page - PCE Instruments. PCE-5000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
Rockwell A B C
61 … 85.6 HRA, 41 … 100 HRB, 20.3 … 68 HRC
Brinell
85 … 650 HB
Vickers
50 … 999 HV
Tensile strength
255 … 2180 N/mm²
Accuracy
Rockwell
± 1.5 HR
Brinell
± 3% HB
Vickers
± 3% HV
General specifications
Measurement method
Ultrasoniccontact impedance (UCI) per ASTM A1038
Direction of measurement 360°
Measurement time
2seconds
Hardness units
HRA, HRB, HRC, HB, HV, MPa
Display
LCD with backlight
Minimummaterial
thickness    
2mm
Datamemory
Upto 2000 measurement groups
Up to 20 calibration sets
Measurement probe
20 N (standard)
Probe cable length
1.5m / .06 in
Functions
Single value, min / max, average value
Power supply
4.2V rechargeable battery, 4800-mAh
Battery life
Approx.10 hrs of operation at full charge (without
backlight)
Dimensions
162x 81 x 31 mm / 6.38 x 3.19 x 1.22 in
Operating conditions
-10... 40°C / 14 ... 104°F, ≤ 85% RH
Storage conditions
-20... 60°C / -4 ... 140°F, ≤ 85% RH
Weight
Approx. 755 g / 1.67 lb (including probe)
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com