Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DX-AS Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DX-AS
Description  Technical Specification Durometer PCE-DX-AS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DX-AS Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DX-AS Datasheet HTML 1Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Specification Durometer PCE-DX-AS
- With drag needle
- Measures in different hardness units
- A 360º dial
- Highly accurate
- Meets with all standards
- Comes with a small carrying case
Technical specifications
Force of pressure
0 to 12.5 N
Penetrating body
35º (according to Shore A)
Diameter of dial
57mm
Total length
110mm
Displayed range
0 to 100
Measurement range
10 to 90
(pressure diminishes below 10 and above 90)
Margin of error
±1
Division of scale
1
Drag needle
yes
Weight
160g


Similar Part No. - PCE-DX-AS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PCE-D9-04-CBL TRIPPLITE-PCE-D9-04-CBL Datasheet
505Kb / 2P
4-Port DB9 (RS-232) Serial PCI Express (PCIe) Card with Breakout Cable, Full Profile
logo
PCE Instruments.
PCE-DC1 PCE-PCE-DC1 Datasheet
163Kb / 2P
Current Clamp PCE-DC1
PCE-DC1-ICA PCE-PCE-DC1-ICA Datasheet
873Kb / 2P
Digital Multimeter PCE-DC1-ICA Incl. ISO Calibration Certificate
PCE-DC2 PCE-PCE-DC2 Datasheet
393Kb / 2P
Technical Specification Clamp Meter PCE-DC 2
PCE-DC3 PCE-PCE-DC3 Datasheet
181Kb / 2P
Clamp Meter PCE-DC3
More results

Similar Description - PCE-DX-AS

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD035OX4 AZDISPLAYS-PD035OX4 Datasheet
881Kb / 32P
TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
TECHNICAL SPECIFICATION
logo
Mitsubishi Electric Sem...
AA057VG02 MITSUBISHI-AA057VG02 Datasheet
324Kb / 22P
TECHNICAL SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com