Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT-450 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT-450
Description  Durometer PCE-HT-450
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT-450 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT-450 Datasheet HTML 1Page - PCE Instruments. PCE-HT-450 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Nominal kinetic energy
4.5 J
Impact spring stroke
100 mm / 3.9"
Impact spring travel
106 mm / 4.1"
Impact spring force
900 ± 40 N/m
Calibration value
88 + 2
Radius of the spherical tip   SR 35 mm / 1.3"
Dimensions
Ø54 x 350 mm / Ø2.1 x 13.7"
Weight
ca. 2039 g / 72 oz
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com