Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM101 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # VCM101
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCM101 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VCM101 Datasheet HTML 10Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 11Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 12Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 13Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 14Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 15Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 16Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 17Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
31
Mechanical pressure switches
Additonal functions/Connecting schemes
The prices shown are additional prices compared to the
basic device of the 200 series (plug connection).
* Connection schemes for switching schemes, see page 36.
Please state interval when ordering!
Example for ordering: DCM10-217A-S.
Additional text: switching scheme A4
Example for ordering:
How to order:
DCM 6 – 205
Pressure switch
Code of additional function
DCM6-205
(e.g. maximum limiter)
or DCM6 with ZF205
Code for pressure range
Sensor system
Two micro switches, switching
ZF307
in parallel or in succession. Fixed
switching differential, only
possible with terminal
connection housing.
State the switching differential
(not possible with all pressure
switches). (See page 34 + 35).
Two micro switches, 1 plug
ZF217 *
switching in succession,
no adjustable switching
differential.
State the switching
scheme * (not possible
with all pressure switches).
(See page 34 – 37).
Connection scheme
selection, see page 36
Gold-plated silver contact,
ZF213
single pole switching (not
available with adjustable
switching differential).
Switching capacity:
max. 24 VDC, 100 mA,
min. 5 VDC, 2 mA
Switch Housing with
ZF351
surface protection
(chemical version)
Plug connection
Terminal connection Connection scheme
200 series (IP 54)
300 series (IP 65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com