Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM301 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VCM301
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCM301 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VCM301 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 8Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 9Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 10Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 11Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 12Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 13Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
27
Mechanical pressure switches
Setting instructions
Setting instructions
Factory calibration of pressure switches
In view of tolerances in the characteristics of sensors and springs, and due to friction in the switching
kinematics, slight discrepancies between the setting value and the switching point are unavoidable.
The pressure switches are therefore calibrated in the factory in such a way that the setpoint
adjustment and the actual switching pressure correspond as closely as possible in the middle of
the range. Possible deviations are equally distributed on both sides.
The device is calibrated either for falling pressure (calibration at lower switching point) or for rising
pressure (calibration at higher switching point), depending on the principal application of the type
series in question.
Where the pressure switch is used at other than the basic calibration, the actual switching point
moves relative to the set switching point by the value of the average switching differential. As FEMA
pressure switches have very small switching differentials, the customer can ignore this where the
switching pressure is set only roughly. If a very precise switching point is needed, this must be
calibrated and checked in accordance with normal practice using a pressure gauge.
1. Calibration at lower switching point
2. Calibration at upper switching point
Setpoint xS corresponds to the lower switching
Setpoint xS corresponds to the upper switching
point, the upper switching point xO is higher
point, the lower switching point xU is lower
by the amount of the switching differential xd.
by the amount of the switching differential xd.
The chosen calibration type is indicated in the technical data for the relevant type series.
Setting switching pressures
Prior to adjustment, the securing pin above the scale must be loosened by not more than 2 turns and
retightened after setting. The switching pressure is set via the spindle. The set switching pressure is
shown by the scale.
To set the switching points accurately it is necessary to use a pressure gauge.
Changing the switching differential (only for switching device with suffix "V", ZF203)
By means of setscrew within the spindle. The lower switching point is not changed by the
differential adjustment; only the upper switching point is shifted by the differential. One turn of
the differential screw changes the switching differential by about 1/4 of the total differential range.
The switching differential is the hysteresis, i.e. the difference in pressure between the switching
point and the reset point.
Lead sealing of setting spindle (for plug connection housing 200 only)
The setting spindle for setting the desired value and switching differential can be covered and
sealed with sealing parts available as accessories (type designation: P2) consisting of a seal plate
and capstan screw. The sealing parts may be fitted subsequently. The painted calibration screws
are likewise covered.
Clockwise:
lower switching
pressure
Anticlockwise:
higher switching
pressure
Clockwise:
greater diffe-
rence
Anticlockwise:
smaller diffe-
rence
Direction of action of setting
spindle
With pressure switches from
the DWAMV and DWR...-203
series, the direction of action of
the differential screw is
reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com