Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3310P Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD3310P
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310P Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD3310P Datasheet HTML 7Page - NXP Semiconductors PCD3310P Datasheet HTML 8Page - NXP Semiconductors PCD3310P Datasheet HTML 9Page - NXP Semiconductors PCD3310P Datasheet HTML 10Page - NXP Semiconductors PCD3310P Datasheet HTML 11Page - NXP Semiconductors PCD3310P Datasheet HTML 12Page - NXP Semiconductors PCD3310P Datasheet HTML 13Page - NXP Semiconductors PCD3310P Datasheet HTML 14Page - NXP Semiconductors PCD3310P Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1996 Nov 21
11
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
8.2
Redialling
After CE has risen to VDD the oscillator starts running.
The address of the first digit in the redial register is stored
in the RAC, and the device is in the conversation mode.
If ‘R’ is the first keyboard entry the device starts redialling
the contents of the temporary register. If the overflow flag
of the TWAC was set in the previous dialling, the redialling
continues in the main register.
Because access to an external line from a PABX usually
involves dialling an access code and waiting for an access
tone, a ‘one-press’ redial may fail due to insufficient delay
between the access code and the external number.
For this reason, the access code should be redialled. If the
access code (up to 4 digits) matches the first part of the
stored number, then pressing R after the access tone is
obtained will cause the rest of the number to be redialled
(see Fig.7, PABX).
Timing in the DTMF mode is calibrated for both tone bursts
and pauses.
In mixed mode only the first part entered (the pulse dialled
part of the stored number) can be redialled.
During redial keyboard entries (function or non-function)
are not accepted until the device returns to the
conversation mode after completion of redialling. No redial
activity takes place if one of the following events occur:
• Power-on reset
• Memory clear (‘P’ without subsequent data entry)
• Memory overflow (more than 23 valid data entries).
8.3
Notepad
The redial register can also be used as a notepad. In the
conversation mode a number with up to 23 digits can be
entered and stored for redialling. By activating the program
key (P) the WAC and TWAC pointers are reset. This acts
like a memory clear (redial is inhibited). Afterwards, by
entering and storing any digits, redialling will be possible
after flash or hook-on and hook-off (see Fig.9).
During notepad programming the numbers entered will not
be transmitted nor is the mute active, only the confidence
tone is generated.
handbook, full pagewidth
MGE493
5
4
3
2
1
addressed
through pointers
TWAC or RAC
TEMPORARY REGISTER
TEMPORARY WRITE
ADDRESS COUNTER (TWAC)
1
2
3
4
5
6
23
addressed
through pointers
WAC or RAC
MAIN REGISTER
write address counter (WAC)
read address counter (RAC)
ADDRESS COUNTER
Fig.6 Program memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com