Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3310AP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCD3310AP
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310AP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCD3310AP Datasheet HTML 12Page - NXP Semiconductors PCD3310AP Datasheet HTML 13Page - NXP Semiconductors PCD3310AP Datasheet HTML 14Page - NXP Semiconductors PCD3310AP Datasheet HTML 15Page - NXP Semiconductors PCD3310AP Datasheet HTML 16Page - NXP Semiconductors PCD3310AP Datasheet HTML 17Page - NXP Semiconductors PCD3310AP Datasheet HTML 18Page - NXP Semiconductors PCD3310AP Datasheet HTML 19Page - NXP Semiconductors PCD3310AP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1996 Nov 21
16
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
Notes
1. Crystal connected between OSCI and OSCO; CE at VSS and all other pins open-circuit.
2. <
10 mA dynamic current to set/reset PD/DTMF pin (mixed mode).
3. Flash inactive; output voltage = VSS.
4. Related to the level of the LOW group frequency component, according to CEPT recommendations.
Outputs
IOL
LOW level output sink current pins M1,
M1, DP/FLO, CF and FLD
VOL =VSS + 0.5 V
0.7
−−
mA
LOW level output sink current pin
PD/DTMF
VOL =VSS + 0.5 V;
note 2
−−
1mA
IOH
HIGH level output source current pins
M1, M1, DP/FLO, CF and M2
VOH =VDD − 0.5 V
−0.6
−−
mA
HIGH level output source current pin
PD/DTMF
VOH =VDD − 0.5 V;
note 2
−−−1mA
HIGH level output source current pin
FLD
VOH =VDD − 0.5 V;
note 3
−−60
−
nA
Tone output (see Fig.10)
VHG(RMS)
DTMF output voltage levels for HIGH
group (RMS value)
VDD = 2.5 to 6 V
158
192
205
mV
VLG(RMS)
DTMF output voltage levels for LOW
group (RMS value)
VDD = 2.5 to 6 V
125
150
160
mV
∆f
frequency deviation
−0.6
−
+0.6
%
VDC
DC voltage level
−
0.5VDD
−
V
ZO
output impedance
−
0.1
0.5
k
Ω
Gv
voltage gain (pre-emphasis) of group
1.85
2.1
2.35
dB
THD
total harmonic distortion
Tamb =25 °C; note 4
−−25
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.10 Tone output test circuit.
handbook, halfpage
VDD
VSS
PCD3310X
TONE
1
µF
50 pF
10 k
Ω
MGE501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com