Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3310T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD3310T
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD3310T Datasheet HTML 9Page - NXP Semiconductors PCD3310T Datasheet HTML 10Page - NXP Semiconductors PCD3310T Datasheet HTML 11Page - NXP Semiconductors PCD3310T Datasheet HTML 12Page - NXP Semiconductors PCD3310T Datasheet HTML 13Page - NXP Semiconductors PCD3310T Datasheet HTML 14Page - NXP Semiconductors PCD3310T Datasheet HTML 15Page - NXP Semiconductors PCD3310T Datasheet HTML 16Page - NXP Semiconductors PCD3310T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1996 Nov 21
13
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
Fig.8 Pulse/DTMF and mixed mode dialling.
handbook, full pagewidth
MGE495
key-in
462 75 30
* 1 2 3 4 5 6 7
8 9 A B C D
#
OFF-HOOK
ON-HOOK
ON-HOOK
key-in R
462 75 30
if total
(PD
+ DTMF)
≤23 digits
OFF-HOOK
DIAL
set in pulse dialling
pulse output
wait for signal
(or any voice indication)
automatic switch to DTMF or manual by
TONE-output
pulse dialling
DTMF dialling
REDIAL
pulse dialling
pulse output
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com