Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536SDO2V07 Datasheet(PDF) 1 Page - Schneider Electric

Part # 8536SDO2V07
Description  NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 600 VAC coil, open
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SDO2V07 Datasheet(HTML) 1 Page - Schneider Electric

  8536SDO2V07 Datasheet HTML 1Page - Schneider Electric 8536SDO2V07 Datasheet HTML 2Page - Schneider Electric 8536SDO2V07 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEMA Motor Starter, Type S,
nonreversing, Size 2, 45A, 25 HP
at 460 VAC, 5 kA SCCR, 2 phase,
4 pole, melting alloy, 600 VAC coil,
open
8536SDO2V07
Product availability: Non-Stock - Not normally stocked in
distribution facility
Main
Product Type
Motor starter
Product Range
S
Starter Type
Non reversing
Complementary
Nema Size
2
Rated Current
45 A
Number Of Poles
4P
Maximum Voltage Rating
600 V AC
Phase
2 phases
Type Of Overload
Melting alloy 2
Horsepower Rating
10 HP 200 V AC
15 HP 230 V AC
25 HP 460 V AC
25 HP 575 V AC
Sccr
Circuit-breaker: 5 kA at 600 V AC
Fuse: 5 kA at 600 V AC
Coil Voltage
550 V AC 50 Hz
600 V AC 60 Hz
Control Circuit Type
Common control circuit
Control Units
No control units
Pilot Light
Without pilot light
Auxiliary Contacts
Without
Terminal Type
Screw clamp terminals
Height
7.81 in (198.37 mm)
Width
5.63 in (143.00 mm)
Depth
4.94 in (125.48 mm)
Environment
Enclosure Type
Not rated (open device)
Certifications
UL Listed
CSA
NEMA
Product data sheet
Specifications
Feb 19, 2024
1
Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.


Similar Part No. - 8536SDO2V07

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SDO2V01S SCHNEIDER-8536SDO2V01S Datasheet
148Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase,4 pole, melting alloy, 24 VAC coil, open
Aug 3, 2022
8536SDO2V02S SCHNEIDER-8536SDO2V02S Datasheet
149Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 120 VAC coil, open
Jul 13, 2022
8536SDO2V03 SCHNEIDER-8536SDO2V03 Datasheet
148Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 240 VAC coil, open
Aug 3, 2022
8536SDO2V06 SCHNEIDER-8536SDO2V06 Datasheet
151Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 480 VAC coil, open
Aug 3, 2022
8536SDO2V08 SCHNEIDER-8536SDO2V08 Datasheet
149Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 208 VAC coil, open
Jul 4, 2022
More results

Similar Description - 8536SDO2V07

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SDO2V08 SCHNEIDER-8536SDO2V08 Datasheet
149Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 208 VAC coil, open
Jul 4, 2022
8536SDO2V02S SCHNEIDER-8536SDO2V02S Datasheet
149Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 120 VAC coil, open
Jul 13, 2022
8536SDA2V02S SCHNEIDER-8536SDA2V02S Datasheet
120Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 120 VAC coil, NEMA 12
Aug 3, 2022
8536SDG2V03 SCHNEIDER-8536SDG2V03 Datasheet
128Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 240 VAC coil, NEMA 1
Aug 3, 2022
8536SDG2V06 SCHNEIDER-8536SDG2V06 Datasheet
128Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 480 VAC coil, NEMA 1
Aug 3, 2022
8536SDG2V08 SCHNEIDER-8536SDG2V08 Datasheet
128Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 208 VAC coil, NEMA 1
Aug 3, 2022
8536SDO1V07 SCHNEIDER-8536SDO1V07 Datasheet
148Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 600 VAC coil, open
Aug 3, 2022
8536SDO2V01S SCHNEIDER-8536SDO2V01S Datasheet
148Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase,4 pole, melting alloy, 24 VAC coil, open
Aug 3, 2022
8536SDO2V03 SCHNEIDER-8536SDO2V03 Datasheet
148Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 240 VAC coil, open
Aug 3, 2022
8536SDO2V06 SCHNEIDER-8536SDO2V06 Datasheet
151Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, 5 kA SCCR, 2 phase, 4 pole, melting alloy, 480 VAC coil, open
Aug 3, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com