Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1601-R Datasheet(PDF) 1 Page - MTRONPTI

Part # K1601-R
Description  14 pin DIP, 5.0 Volt, Sinewave, TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1601-R Datasheet(HTML) 1 Page - MTRONPTI

  K1601-R Datasheet HTML 1Page - MTRONPTI K1601-R Datasheet HTML 2Page - MTRONPTI K1601-R Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 03-09-07
K1601 & K1602 Series
14 pin DIP, 5.0 Volt, Sinewave, TCXO
   
     
   
     
  
      
      
   
  
 
             
  
����
�
�����
����
�
�����
�����
���
���
���
��
���
��
���
���
���
���
���
���
���
���
�����
�������������������


  
  
  
 
  
 
  
   

 

  
   
   
 
 
 
 

  

 Ω  
  

  
 
  
       




  
  
  
   
 

   
  










         

  
 
   

   
      Ω


  
  
   
      
      
   
      
PART NUMBERING GUIDE
K160X - Specify Frequency
“1”
= 0°C to 55°C Operating Temp.
“1-R
= RoHS Compliant and 0°C to 55°C Operating Temp.
“2”
= -40°C to 85°C Operating Temp.
“2-R”
= RoHS Compliant and -40°C to 85°C Operating Temp.


Similar Part No. - K1601-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1601 MTRONPTI-K1601 Datasheet
324Kb / 2P
14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1601T MTRONPTI-K1601T Datasheet
261Kb / 1P
14 DIP, 5.0 Volt, CMOS/TTL, TCXO
K1601T MTRONPTI-K1601T Datasheet
281Kb / 2P
14 DIP, 5.0 Volt, CMOS/TTL, TCXO
K1601T-R MTRONPTI-K1601T-R Datasheet
261Kb / 1P
14 DIP, 5.0 Volt, CMOS/TTL, TCXO
K1601T-R MTRONPTI-K1601T-R Datasheet
281Kb / 2P
14 DIP, 5.0 Volt, CMOS/TTL, TCXO
More results

Similar Description - K1601-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5162 MTRONPTI-XO5162 Datasheet
216Kb / 1P
14 pin DIP, 5.0 Volt, Sinewave, OCXO
MTXO MTRONPTI-MTXO Datasheet
242Kb / 1P
14 DIP, 5.0 Volt, HCMOS/TTL, TCXO
K1523BA MTRONPTI-K1523BA Datasheet
313Kb / 2P
14 DIP, 5.0 Volt, Sinewave, VCXO
K1601 MTRONPTI-K1601 Datasheet
324Kb / 2P
14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1602SE MTRONPTI-K1602SE Datasheet
250Kb / 1P
14 DIP, 5.0 Volt, Sinewave, TCVCXO
K1601T MTRONPTI-K1601T_07 Datasheet
281Kb / 2P
14 DIP, 5.0 Volt, CMOS/TTL, TCXO
K1602SE MTRONPTI-K1602SE_07 Datasheet
274Kb / 2P
14 DIP, 5.0 Volt, Sinewave, TCVCXO
K1613 MTRONPTI-K1613_06 Datasheet
291Kb / 2P
14 pin DIP, 3.3 Volt, Sinewave, TCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com