Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM430E Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # DM430E
Description  PLUS1® Mobile Machine Displays DM430E Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

DM430E Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  DM430E Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS DM430E Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS DM430E Datasheet HTML 3Page - DANFOSS POWER SOLUTIONS DM430E Datasheet HTML 4Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions in mm [in]
Front, side view, and rear view
96.04 [3.78]
110.61
[4.30]
54.87 [2.16]
6.7 [0.26]
9.3 [0.37]
46.45 [1.83]
123.6 [4.87]
114.9 [4.52]
104 [4.09]
75 [2.95]
48.56 [1.91]
32.46 [1.28]
52.76 [2.08]
50 [1.97]
99 [3.90]
107 [4.21]
115 [4.53]
C1
C2
(RAM mount)
6x M4
Surface B
Surface A
Specifications
Characteristics
Processor
ARM-based Cortex-M7
RAM
32MB
EEPROM
32kB
Flash (Program memory)
32MB
Flash (Application log)
32MB
Supply voltage
9-36 VDC
Connector
DEUTSCH DTM06-12
Size
4.3"
Aspect ratio
Wide
Resolution
480x272
Brightness
>700 cd/m2
Contrast ratio
500:1
Viewing angle
+/- 70 degrees in all directions
Color depth
24-bit
Glass
Optically bonded,
anti-glare coating
IP rating
(with mating connector attached)
IP66 and IP67
(front and back)
Operating temperature
-30°C to +70°C [-22°F to +158°F]
Storage temperature
-40°C to +85°C [-40°F to 185°F]
Weight
328 g (0.72 lb)
Vibration
IEC 60068-2-64
(7.67g)
Shock
IEC 60068-2-27 test Ea
(50g)
EMI/RFI rating (V/m)
100
Data Sheet
DM430E Series Display
2 | © Danfoss | January 2020
AI288883146737en-000201



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com