Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IK2 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # IK2
Description  Remote Control IK2 Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

IK2 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  IK2 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS IK2 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Value
Stop Function (400 - 900 MHz)
Cat. 3-PLd
Stop Function (2.4 GHz)
Cat3 - PLe
Ingress Protection rating
IP65/NEMA4
Anti-condensation system
Goretex Film
Frequency band - ERP
433.050 to 434.040 MHz; ERP<1 mW
434.040 to 434.790 MHz; ERP<10mW
869.700 to 870.000 MHz; ERP<5 mW
902.000 to 928.000 MHz; ERP<1mW
2405MHz to 2475MHz ; ERP 20dBm/100mW
Range (normal conditions)
100m
Main mechanisms (maximum number)
Joystick (2) or Paddle (4)
Auxiliary mechanisms
Pushbutton, toggle and rotary switches
Removable EEPROM
External
Battery model
BT11K
Battery life
8 hours
Response Time
100ms
Operating temperature range
-20 °C to 70 °C (-4 °F to 158 °F)
Storage Temperature Range (24h)
-25ºC to 75ºC (-13ºF to 167ºF)
Storage Temperature Range (long periods)
-25ºC to 55ºC (-13ºF to 131ºF)
Relative Humidity
max. 95% without condensation
Weight (with battery)
950 grams
Dimensions LxWxH mm
184 x 173.4 x 158.7
Harness
Belt/shoulder strap
Available Options
Display
128x64 Graphic LCD
LED Panel
Yes (up to 8 LEDs)
Cable connector
Yes (M12 Connector)
Range limiter
Yes
Associated receivers
R06, R13, R70, MPCAN, MP08, MP20
BC70K battery charger
Specification
Value
AC power supply
110-230V, 50/60Hz, ± 10%,
automatic switching
DC power supply, nominal
12-24V
BT11K battery
Specification
Value
Voltage
3.7V
Capacity
1130 mAh Li-ion
Charging temperature
0°C to 45°C
Discharge temperature
-20°C to 60°C
Charging mode
Fast (<2.5h and intelligent)
Weight
23g
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | May 2021
AI299264557163en-000201



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com