Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1-H Datasheet(PDF) 1 Page - DANFOSS POWER SOLUTIONS

Part # JS1-H
Description  JS1-H and PVG Sub-Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

JS1-H Datasheet(HTML) 1 Page - DANFOSS POWER SOLUTIONS

  JS1-H Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS JS1-H Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS JS1-H Datasheet HTML 3Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Danfoss Power Solutions (DPS) has more than 40
years of experience in market-leading solutions for
many applications. Our product portfolio contains a
large variety of products that enables the possibility
to create unique sub-systems comprising of multiple
DPS products.
It is possible to create a sub-system by combining a
JS1-H joystick and a proportional valve group (PVG).
Despite its ease of installation and simplicity of setup,
this sub-system provides excellent controllability in
various applications and a superb human to machine
experience.
Features
• Operator Presence switch
• Multiple output options
• Simultaneous operation of two
proportional rollers
• Hall effect with two sensors per axis or
long-life potentiometer position
sensing
• Modular PVG concept
• For all PVG types 16-32-100-128-256
• Flow 5-500 l/min [1.3-132 US gal/min]
• Works with both compensated and
uncompensated basic modules
Comprehensive technical literature is
online at www.danfoss.com
Relevant literature
• JS1-H Technical Information,
BC171886484518
• PVG 32 Technical Information,
BC152886483664
Flow characteristics
Data Sheet
JS1-H and PVG
Sub-Systems
© Danfoss | January 2021
AI318980628222en-000102 | 1


Similar Part No. - JS1-H

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
JS1-12V NAIS-JS1-12V Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
Panasonic Semiconductor
JS1-12V-F PANASONIC-JS1-12V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1-12V-F PANASONIC-JS1-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
JS1-12V-F PANASONIC-JS1-12V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
More results

Similar Description - JS1-H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
SICK AG
IRS060-X53XXXX SICK-IRS060-X53XXXX Datasheet
381Kb / 6P
TRACK AND TRACE SYSTEMS
2017-04-05
IRS060-X55XXXX SICK-IRS060-X55XXXX Datasheet
399Kb / 7P
TRACK AND TRACE SYSTEMS
2014-10-16
IRS080-X11XXXX SICK-IRS080-X11XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
2017-04-05
IRS080-X55XXXX SICK-IRS080-X55XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
2017-04-05
IRS100-X11XXXX SICK-IRS100-X11XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
2017-04-05
IRS100-X53XXXX SICK-IRS100-X53XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
2017-04-05
IRS120-X11XXXX SICK-IRS120-X11XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
2017-04-05
IRS120-X55XXXX SICK-IRS120-X55XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
2017-04-05
logo
Ultralife Corporation.
CR123A ULTRALIFE-CR123A Datasheet
457Kb / 2P
Safety and security systems
16 DEC 20 Rev: C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com