Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1000 Datasheet(PDF) 1 Page - DANFOSS POWER SOLUTIONS

Part # JS1000
Description  Joystick JS1000 Joystick Base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

JS1000 Datasheet(HTML) 1 Page - DANFOSS POWER SOLUTIONS

  JS1000 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS JS1000 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rugged compact design
The unique design of the JS1000 joystick base
incorporates contactless Hall effect sensors into a
simple, compact and rugged mechanical construction
for the most demanding applications. It is ideally
suited for low clearance and armrest mounting, and
yet withstands the most punishing environments.
Environmental sealing
The JS1000 joystick base is designed and tested for
use in harsh out of cab environments. It meets IP 67
environmental protection below the panel mount if
the vent plug is installed. The vent plug is a base
option. If it is not ordered, the base is not protected
from below-panel particulate and moisture ingress.
Environmental protection above the panel mount is
IP 67 with the exception of the Pro grip option. The
Pro grip is for in machine cab use only.
Features
• Non-contacting hall effect sensing
‒ Available redundant sensing per axis
for CAN output configurations
• Single or dual axis
• X – Y axis guided
• Spring return to center
• Choice of two centering spring forces
• Operating life > 10 million cycles per
axis
• Two output options:
‒ 0.5 to 4.5 V
DC
‒ CAN 2.0 B, J1939 protocol
‒ CAN 2.0 B, CANopen protocol
• IP 67 environmental sealing above
panel (grip dependent)
• IP 67 environmental sealing below
panel with vent plug installed (base
dependent)
• Integrated 6 pin DEUTSCH DTM
connector
• Multiple grip options:
‒ Ball grip
‒ Grip with analog rocker switch
‒ Grip with analog banana switch
‒ PRO style ergonomic grip, which
offers a wide variety of configurable
push-button switches and
proportional roller switch functions.
(Pro grip is not recommended in an
open cab environment)
‒ Custom designed grips to meet
specific user requirements
Comprehensive technical literature online
at powersolutions.danfoss.com
Data Sheet
Joystick
JS1000 Joystick Base
© Danfoss | May 2017
520L0724 | AI00000034en-US1101 | 1


Similar Part No. - JS1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JS100-26-150-X530 ETC-JS100-26-150-X530 Datasheet
1Mb / 17P
Floating Joint
JS100-26-150S-X530 ETC-JS100-26-150S-X530 Datasheet
1Mb / 17P
Floating Joint
logo
Bel Fuse Inc.
JS100-R BEL-JS100-R Datasheet
478Kb / 2P
Time-lag Fuse Series
More results

Similar Description - JS1000

ManufacturerPart #DatasheetDescription
logo
GREATECS
JPN10K GREATECS-JPN10K Datasheet
369Kb / 3P
Joystick Potentiometer
logo
Grayhill, Inc
60A18-4-040S GRAYHILL-60A18-4-040S Datasheet
101Kb / 2P
SERIES 60A Joystick
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
Hall Effect Joystick
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
Hall Effect Joystick
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
JOYSTICK ENCODER
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
JOYSTICK ENCODER
logo
List of Unclassifed Man...
27800 ETC-27800 Datasheet
83Kb / 3P
2-Axis Joystick (#27800)
1/16/2012
logo
Schneider Electric
9001K37 SCHNEIDER-9001K37 Datasheet
102Kb / 1P
30MM JOYSTICK 5 POSITION
Jan 4, 2022
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
Thumb Joystick
3/22/2017
COM-09426 SPARKFUN-COM-09426 Datasheet
134Kb / 2P
Thumb Slide Joystick
8????7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com