Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10104136 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # 10104136
Description  PLUS1® Controllers MC024-120 and MC024-122
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

10104136 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  10104136 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS 10104136 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
Danfoss
Power Solutions GmbH & Co. OHG
Krokamp 35
D-24539 Neumünster, Germany
Phone: +49 4321 871 0
Danfoss
Power Solutions ApS
Nordborgvej 81
DK-6430 Nordborg, Denmark
Phone: +45 7488 2222
Danfoss
Power Solutions (US) Company
2800 East 13th Street
Ames, IA 50010, USA
Phone: +1 515 239 6000
Danfoss
Power Solutions Trading
(Shanghai) Co. Ltd.
Building #22, No. 1000 Jin Hai Rd
Jin Qiao, Pudong New District
Shanghai, China 201206
Phone: +86 21 3418 5200
L1315302
• Rev BB • Apr 2014
www.danfoss.com
© Danfoss A/S, 2014-04
Data Sheet
PLUS+1® Controllers MC024-120 and MC024-122
MC024-120 and MC024-122 24 Pin Connectors
Use care when wiring mating connector. Above pinouts are for
device pins.
Specifications
Product Parameters
Supply voltage
9 to 36 Vdc
Operating temperature (ambient)
-40°C to 70°C [-40°F to 158°F]
Storage temperature
-40°C to 85°C [-40°F to 185°F]
Programming temperature
-40°C to 70°C [-40°F to 158°F]
IP rating
(with mating connector attached)
IP 67
EMI/RFI rating
100 V/m
Weight
0.40 kg [0.88 lb]
Vibration
IEC 60068-2-64
Shock
IEC 60068-2-27 test Ea
Maximum current, sourcing
24 A
Maximum current, sinking
8 A
CCaution
PCB damage may occur. All device power supply + pins must be
connected to battery +.
CCaution
This device is not field serviceable. Opening the device housing
will void the warranty.
mm [in]
Danfoss product literature on line at: www.danfoss.com
12
1
11
2
10
3
94
85
76
Connector 2
'B' key (black)
2196B
12
1
11
2
10
3
94
85
76
Connector 1
'A' key (gray)
Connector 2
Connector 1
Pin
Controller function
Pin
Controller function
C2-P1
DIN/AIN/FreqIN
C1-P1
Power ground -
C2-P2
DIN/AIN/FreqIN
C1-P2
Power supply +
C2-P3
PWMOUT/DOUT/PVGOUT
C1-P3
CAN +
C2-P4
PWMOUT/DOUT/PVGOUT
C1-P4
CAN -
C2-P5
PWMOUT/DOUT/PVGOUT
C1-P5
AIN/CAN shield
C2-P6
PWMOUT/DOUT/PVGOUT
C1-P6
DIN
C2-P7
PWMOUT/DOUT/PVGOUT
C1-P7
DIN
C2-P8
PWMOUT/DOUT/PVGOUT
C1-P8
5 Vdc sensor power +
C2-P9
PWMOUT/DOUT/PVGOUT
C1-P9
Sensor power ground -
C2-P10 PWMOUT/DOUT/PVGOUT
C1-P10
DIN/AIN/FreqIN
C2-P11 Power supply +
C1-P11
DIN/AIN/FreqIN
C2-P12 Power supply +
C1-P12
DIN/AIN/FreqIN
Product part Numbers
MC024-120
11131280
MC024-122
11131281
CG150 CAN/USB Gateway
10104136
Deutsch® mating connector
bag assembly
10102023
(16 to 20 AWG)
10100945
(20 to 24 AWG)
PLUS+1 GUIDE
single user license
10101000
Dimensions and Pin Assignments
MC024-120 and MC024-122 Mounting Dimensions
114.4 [4.50]
158.2 [6.23]
25.2 [1.0]
142.0 [5.59]
97.0
[3.82]
35.0 [1.38]
51.6 [2.03]
47.1 [1.85]
144.5 [5.69]
2195B
21
Connector 1
Connector 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com