Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10104136 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # 10104136
Description  PLUS1® Controllers MC024-130 and MC024-132
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

10104136 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  10104136 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS 10104136 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS 10104136 Datasheet HTML 3Page - DANFOSS POWER SOLUTIONS 10104136 Datasheet HTML 4Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6 inputs
• (5) universal (DIN/AIN/FreqIN) that are user-defined as either:
‒ Analog: with configurable ranges 0 to 5.25 Vdc (with over range protection) or 0 to 36 Vdc
‒ Digital: pull up (5 Vdc), pull down (0 Vdc) or pull to center (2.5 Vdc)
‒ Frequency (timing): 1 Hz to 10 kHz
• (1) fixed range analog (AIN/CAN shield) 0 to 5.25 Vdc or CAN shield pin
8 outputs
• (8) universal (PWMOUT/DOUT/PVGOUT) that are user-defined as either:
‒ Digital: (3 A), configurable as source or sink
‒ PWM: (30 to 4000 Hz), configurable as open or closed loop with current control
‒ Analog voltage: open loop PWM at 4000 Hz
• Any PWMOUT/DOUT/PVGOUT can be used to provide reference power to one PVG valve
Data Sheet
MC024-130 and 132 Controllers
2 | © Danfoss | June 2020
AI152986481025en-000103



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com