Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3311 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD3311
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3311 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD3311 Datasheet HTML 14Page - NXP Semiconductors PCD3311 Datasheet HTML 15Page - NXP Semiconductors PCD3311 Datasheet HTML 16Page - NXP Semiconductors PCD3311 Datasheet HTML 17Page - NXP Semiconductors PCD3311 Datasheet HTML 18Page - NXP Semiconductors PCD3311 Datasheet HTML 19Page - NXP Semiconductors PCD3311 Datasheet HTML 20Page - NXP Semiconductors PCD3311 Datasheet HTML 21Page - NXP Semiconductors PCD3311 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1996 Nov 21
18
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
Notes
1. Oscillator ON; VDD = 3 V; crystal connected between OSCI and OSCO; D0/SCL and D1/SDA connected via
resistance of 5.6 k
Ω to VDD; all other pins left open.
2. As note 1, but with oscillator OFF.
3. Related to the level of the LOW group frequency component, according to CEPT recommendations.
4. Related to the level of the fundamental frequency.
5. Oscillator must be running.
6. Values are referenced to the 10% and 90% levels of the relevant pulse amplitudes, with a total voltage swing from
VSS to VDD.
TONE output (see test circuit, Fig.15)
VHG(RMS)
DTMF output voltage (RMS), HIGH group
158
192
205
mV
VLG(RMS)
DTMF output voltage (RMS), LOW group
125
150
160
mV
VDC
DC voltage level
−
1
⁄2 VDD
−
V
Gv
voltage gain (pre-emphasis) of group
1.85
2.10
2.35
dB
THD
Total Harmonic Distortion; Tamb =25 °C
dual tone (note 3)
−−25
−
dB
modem tone (note 4)
−−29
−
dB
Zo
output impedance
−
0.1
0.5
k
Ω
OSCI input
VOSC(p-p)
maximum allowable amplitude at OSCI
−−
VDD − VSS V
Timing (VDD =3V)
tOSC(ON)
oscillator start-up time
−
3
−
ms
tTONE(ON)
TONE start-up time (note 5)
−
0.5
−
ms
tSPW
STROBE pulse width (note 6)
400
−−
ns
tDS
data set-up time (note 6)
150
−−
ns
tDH
data hold time (note 6)
100
−−
ns
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNIT
Fig.15 TONE output test circuit.
handbook, halfpage
MGG513
TONE
PCD3311C
PCD3312C
VDD
VSS
10 k
Ω
1
µF
50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com