Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2NE10L Datasheet(PDF) 4 Page - STMicroelectronics

Part # N2NE10L
Description  N-channel 100V - 0.33??-2A - SOT-223
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N2NE10L Datasheet(HTML) 4 Page - STMicroelectronics

  N2NE10L Datasheet HTML 1Page - STMicroelectronics N2NE10L Datasheet HTML 2Page - STMicroelectronics N2NE10L Datasheet HTML 3Page - STMicroelectronics N2NE10L Datasheet HTML 4Page - STMicroelectronics N2NE10L Datasheet HTML 5Page - STMicroelectronics N2NE10L Datasheet HTML 6Page - STMicroelectronics N2NE10L Datasheet HTML 7Page - STMicroelectronics N2NE10L Datasheet HTML 8Page - STMicroelectronics N2NE10L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STN2NE10L
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
100
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
11.7
3
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 1A
VGS= 5V, ID= 1A
0.33
0.38
0.4
0.45
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS>ID(on) x RDS(on)max,
ID=1A
13
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f=1 MHz, VGS=0
345
45
20
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=80V, ID = 7A
VGS =5V
(see Figure 13)
10
5
4
14
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
rise time
VDD=50 V, ID=3.5A,
RG=4.7Ω, VGS=5V
(see Figure 14)
7
17
ns
ns
td(off)
tf
Turn-off-delay time
fall time
VDD=50 V, ID=3.5A,
RG=4.7Ω, VGS=5V
(see Figure 14)
22
8
ns
ns
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD=80 V, ID=7A,
RG=4.7Ω, VGS=5V
(see Figure 14)
8
9
19
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com