Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS339ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS339ID
Description  Micropower Quad CMOS Voltage Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339ID Datasheet(HTML) 5 Page - STMicroelectronics

  TS339ID Datasheet HTML 1Page - STMicroelectronics TS339ID Datasheet HTML 2Page - STMicroelectronics TS339ID Datasheet HTML 3Page - STMicroelectronics TS339ID Datasheet HTML 4Page - STMicroelectronics TS339ID Datasheet HTML 5Page - STMicroelectronics TS339ID Datasheet HTML 6Page - STMicroelectronics TS339ID Datasheet HTML 7Page - STMicroelectronics TS339ID Datasheet HTML 8Page - STMicroelectronics TS339ID Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS339
Electrical Characteristics
5/9
Table 3.
VCC
+ = 5V, V
CC
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (1)
Vic = 2.5V, Vcc
+ = 5V to 10V
Tmin. ≤ Tamb ≤ Tmax.
1.
The specified offset voltage is the maximum value required to drive the output up to 4.5V or down to 0.3V.
1.4
5
6.5
mV
Iio
Input Offset Current (2)
Vic = 2.5V
Tmin. ≤ Tamb ≤ Tmax.
2.
Maximum values including unavoidable inaccuracies of the industrial test.
1
300
pA
Iib
Input Bias Current 2)
Vic = 2.5V
Tmin. ≤ Tamb ≤ Tmax.
1
600
pA
Vicm
Input Common Mode Voltage Range
Tmin. ≤ Tamb ≤ Tmax
0
0
VCC
+-1.2
VCC
+ -1.5
V
CMR
Common-mode Rejection Ratio
Vic = 0V
75
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ = +5V to +10V
85
dB
IOH
High Level Output Voltage
Vid = 1V, VOH = +5V
Tmin. ≤ Tamb ≤ Tmax.
27
40
1000
nA
VOL
Low Level Output Voltage
Vid = -1V, IOL = 6mA
Tmin. ≤ Tamb ≤ Tmax.
260
400
650
mV
ICC
Supply Current (each comparator)
No load - Outputs low
Tmin. ≤ Tamb ≤ Tmax.
10
20
25
µA
tPLH
Response Time Low to High
Vic = 0V, f = 10kHz, RL = 5.1kΩ, CL = 15pF,
Overdrive = 5mV
Overdrive = 10mV
Overdrive = 20mV
Overdrive = 40mV
TTL Input
1.5
1.2
1.1
0.9
0.8
µs
tPHL
Response Time High to Low
Vic = 0V, f = 10kHz, RL = 5.1kΩ, CL = 15pF,
Overdrive = 5mV
Overdrive = 10mV
Overdrive = 20mV
Overdrive = 40mV
TTL Input
2.5
1.9
1.2
0.8
0.08
µs
tf
Fall time
f = 10kHz, CL = 50pF, RL = 5.1kΩ, Overdrive 50mV
30
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com