Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R06R Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTH8R06R
Description  Turbo 2 ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTH8R06R Datasheet HTML 4Page - STMicroelectronics STTH8R06R Datasheet HTML 5Page - STMicroelectronics STTH8R06R Datasheet HTML 6Page - STMicroelectronics STTH8R06R Datasheet HTML 7Page - STMicroelectronics STTH8R06R Datasheet HTML 8Page - STMicroelectronics STTH8R06R Datasheet HTML 9Page - STMicroelectronics STTH8R06R Datasheet HTML 10Page - STMicroelectronics STTH8R06R Datasheet HTML 11Page - STMicroelectronics STTH8R06R Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STTH8R06
Ordering information
11/12
3
Ordering information
4
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH8R06D
STTH8R06D
TO-220AC
1.90 g
50
Tube
STTH8R06G
STTH8R06G
D2PAK
1.48 g
50
Tube
STTH8R066G-TR
STTH8R06G
D2PAK
1.48 g
1000
Tape and reel
STTH8R06FP
STTH8R06FP
TO-220FPAC
1.70 g
50
Tube
STTH8R06R
STTH8R06R
I2PAK
1.5 g
50
Tube
STTH8R06DIRG
STTH8R06DI
TO-220AC Ins.
1.86 g
50
Tube
Date
Revision
Changes
May-2001
1
First issue
January-2002
2
D2PAK and I2PAK packages added
18-Oct-2004
3
TO-220AC Insulated package added
05-Dec-2004
4
D2PAK foot print correction
10-Aug-2006
5
Reformatted to current standard. Added package insulation voltage
data on page 1. Changed order code STTH8R06DI to
STTH8R06DIRG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com