Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1100BACM-R Datasheet(PDF) 1 Page - MTRONPTI

Part # K1100BACM-R
Description  14 pin DIP, 5.0 Volt, Clock Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1100BACM-R Datasheet(HTML) 1 Page - MTRONPTI

  K1100BACM-R Datasheet HTML 1Page - MTRONPTI K1100BACM-R Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 03-01-07
K1100BA, K1150BA, K1125BA, K1110BA Series
14 pin DIP, 5.0 Volt, Clock Oscillator
4-pin Package, Compatible with 14-pin DIL
1.0MHz to 70MHz Frequency Range
HCMOS Circuit, TTL/CMOS Compatible
Tight Symmetry (45/55%) Available
Tri-State Option Available
±100ppm Stability Standard
Tighter Stabilities Available
±10ppm Stability:- K1110BA
±25ppm Stability:- K1125BA
±50ppm Stability:- K1150BA
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
K1100BA
Frequency Range (MHz)
1.0 to 70
Frequency Stability (ppm)
Overall
Inclusive of calibration, temperature, voltage, load,
shock,vibration, aging
0°C to 70°C
±100
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Supply Voltage (V)
+5.0 ±10%
Supply Current (mA)
Symmetry
40/60 @ 0.5VCC
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
K11XXBACXXX - Specify Frequency
“Blank” = 0oC to 70oC Operating Temperature
“M” = -40oC to 85oC Operating Temperature
“Blank” = Fixed Frequency
“E” = Tri-State
“Blank” = 40/60% Symmetry
“S” = 45/55 Symmetry
“C” = CMOS Output
Model Selection: See Table Above
K1100BA Series
5V Crystal Clock Oscillators
����
���
�����
����
�
�����
�����
���
���
���
���
���
���
���
���
���
�����
���
���
���
���
Output TTL
Symmetry
40/60% @ 1.4V; 45/55% Optional
TR and TF (ns)
≤
20MHz =8; > 20MHz = 6
Fanout (TTL)
10
Output CMOS
TR and TF (ns)
≤
20MHz =10; > 20MHz = 8
K1150BA
K1125BA
K1110BA
Rating Over
Temperature Only
±25
±150
±50
±100
NA
±10
N/A
<20MHz
20 - 70 MHz
15
50
-40°C to 85°C
PART NUMBERING GUIDE
K11XXBACXXX-R - Specify Frequency
“-R” = RoHS Compliant
“Blank” = Non-RoHS Compliant
“Blank” = 0°C to 70°C Operating Temperature
“M” = -40°C to 85°C Operating Temperature
“Blank” = Fixed Frequency
“E” = Tri-State
“Blank” = 40/60% Symmetry
“S” = 45/55% Symmetry
“C” = CMOS Output
Model Selection: See Table Above
4-pin Package, Compatible with 14-pin DIL
1.0MHz to 70MHz Frequency Range
HCMOS Circuit, TTL/CMOS Compatible
Tight Symmetry (45/55%) Available
Tri-State Option Available
±100ppm Stability Standard
Tighter Stabilities Available
±10ppm Stability:- K1110BA
±25ppm Stability:- K1125BA
±50ppm Stability:- K1150BA
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
K1100BA
Frequency Range (MHz)
1.0 to 70
Frequency Stability (ppm)
Overall
Inclusive of calibration, temperature, voltage, load,
shock,vibration, aging
0°C to 70°C
±100
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Supply Voltage (V)
+5.0 ±10%
Supply Current (mA)
Symmetry
40/60 @ 0.5VCC
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
K11XXBACXXX - Specify Frequency
“Blank” = 0oC to 70oC Operating Temperature
“M” = -40oC to 85oC Operating Temperature
“Blank” = Fixed Frequency
“E” = Tri-State
“Blank” = 40/60% Symmetry
“S” = 45/55 Symmetry
“C” = CMOS Output
Model Selection: See Table Above
K1100BA Series
5V Crystal Clock Oscillators
����
���
�����
����
�
�����
�����
���
���
���
���
���
���
���
���
���
�����
���
���
���
���
Output TTL
Symmetry
40/60% @ 1.4V; 45/55% Optional
TR and TF (ns)
≤
20MHz =8; > 20MHz = 6
Fanout (TTL)
10
Output CMOS
TR and TF (ns)
≤
20MHz =10; > 20MHz = 8
K1150BA
K1125BA
K1110BA
Rating Over
Temperature Only
±25
±150
±50
±100
NA
±10
N/A
<20MHz
20 - 70 MHz
15
50
-40°C to 85°C
THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS.
PLEASE REFER TO THE MHO+ PRODUCT SERIES.


Similar Part No. - K1100BACM-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1100BACM-R MTRONPTI-K1100BACM-R Datasheet
369Kb / 2P
14 PIN dip 5.0 volt clock oscillator
More results

Similar Description - K1100BACM-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MHO MTRONPTI-MHO Datasheet
261Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
K1100BA MTRONPTI-K1100BA Datasheet
369Kb / 2P
14 PIN dip 5.0 volt clock oscillator
K3100G MTRONPTI-K3100G_07 Datasheet
311Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
MA11FAA MTRONPTI-MA11FAA Datasheet
190Kb / 1P
14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
ME11XAA MTRONPTI-ME11XAA Datasheet
190Kb / 1P
14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
MHO+ MTRONPTI-MHO+ Datasheet
236Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
K500 MTRONPTI-K500_08 Datasheet
249Kb / 1P
8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
MA MTRONPTI-MA_07 Datasheet
258Kb / 1P
14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
ME MTRONPTI-ME_07 Datasheet
256Kb / 1P
14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
MHO+ MTRONPTI-MHO+_07 Datasheet
408Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com