Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3349 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCD3349
Description  8-bit microcontroller with DTMF generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCD3349 Datasheet HTML 8Page - NXP Semiconductors PCD3349 Datasheet HTML 9Page - NXP Semiconductors PCD3349 Datasheet HTML 10Page - NXP Semiconductors PCD3349 Datasheet HTML 11Page - NXP Semiconductors PCD3349 Datasheet HTML 12Page - NXP Semiconductors PCD3349 Datasheet HTML 13Page - NXP Semiconductors PCD3349 Datasheet HTML 14Page - NXP Semiconductors PCD3349 Datasheet HTML 15Page - NXP Semiconductors PCD3349 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1998 May 11
12
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
Fig.4 TONE output test circuit.
handbook, halfpage
MGB835
10 k
Ω
TONE
50 pF
1
µF
DEVICE TYPE NUMBER
(1)
VDD
VSS
(1) Device type number: PCD3349A
Fig.5
Typical supply current (IDD) in Stop mode as
a function of supply voltage (VDD).
handbook, halfpage
1
6
4
3
1
5
2
0
35
VDD (V)
7
MGB826
IDD(stp)
(
µA)
Fig.6
Typical operating supply current (IDD) as a
function of supply voltage (VDD).
handbook, halfpage
1
6
4
2
0
35
VDD (V)
7
MGB827
IDD
(mA)
16 MHz
3.58 MHz
HGF or LGF
≠ 0
10 MHz
3.58 MHz
Measured with crystal between XTAL1 and XTAL2.
Fig.7
Typical operating supply current (IDD) as a
function of clock frequency (fxtal).
handbook, halfpage
6
0
2
2
4
1
MGB828
10
10
IDD
(mA)
fxtal (MHz)
3 V
5 V
Measured with function generator on XTAL1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com