Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3359AT Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCD3359AT
Description  8-bit microcontroller with DTMF generator and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3359AT Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCD3359AT Datasheet HTML 22Page - NXP Semiconductors PCD3359AT Datasheet HTML 23Page - NXP Semiconductors PCD3359AT Datasheet HTML 24Page - NXP Semiconductors PCD3359AT Datasheet HTML 25Page - NXP Semiconductors PCD3359AT Datasheet HTML 26Page - NXP Semiconductors PCD3359AT Datasheet HTML 27Page - NXP Semiconductors PCD3359AT Datasheet HTML 28Page - NXP Semiconductors PCD3359AT Datasheet HTML 29Page - NXP Semiconductors PCD3359AT Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
1998 May 11
26
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF
generator and 128 bytes EEPROM
PCD3359A
19 AC CHARACTERISTICS
VDD = 1.8 to 6 V; VSS =0V; Tamb = −25 to +70 °C; all voltages with respect to VSS; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
tr
rise time all outputs
VDD =5V; Tamb =25 °C; CL =50pF
−
30
−
ns
tf
fall time all outputs
−
30
−
ns
fxtal
clock frequency
see Fig.7
1
−
16
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com