Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD3745A
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD3745A Datasheet HTML 9Page - NXP Semiconductors PCD3745A Datasheet HTML 10Page - NXP Semiconductors PCD3745A Datasheet HTML 11Page - NXP Semiconductors PCD3745A Datasheet HTML 12Page - NXP Semiconductors PCD3745A Datasheet HTML 13Page - NXP Semiconductors PCD3745A Datasheet HTML 14Page - NXP Semiconductors PCD3745A Datasheet HTML 15Page - NXP Semiconductors PCD3745A Datasheet HTML 16Page - NXP Semiconductors PCD3745A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1999 Feb 02
13
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
C4
16387.268
C5
16387.283
C6
16387.301
C7
16387.316
C8
16387.334
C9
16387.350
CA
16387.367
CB
16387.385
CC
16387.400
CD
16387.418
CE
16387.434
CF
16387.451
D0
16387.467
D1
16387.484
D2
16387.500
D3
16387.518
D4
16387.533
D5
16387.551
D6
16387.566
D7
16387.584
D8
16387.600
D9
16387.617
DA
16387.635
DB
16387.650
DC
16387.668
DD
16387.684
DE
16387.701
DF
16387.717
E0
16387.734
E1
16387.750
FAR (HEX)
FRCO
E2
16387.768
E3
16387.783
E4
16387.801
E5
16387.816
E6
16387.834
E7
16387.850
E8
16387.867
E9
16387.885
EA
16387.900
EB
16387.918
EC
16387.934
ED
16387.951
EE
16387.967
EF
16387.984
F0
16388.002
F1
16388.018
F2
16388.035
F3
16388.051
F4
16388.068
F5
16388.084
F6
16388.102
F7
16388.117
F8
16388.135
F9
16388.152
FA
16388.168
FB
16388.186
FC
16388.201
FD
16388.219
FE
16388.234
FF
16384.000
FAR (HEX)
FRCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com