Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD3360T
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD3360T Datasheet HTML 9Page - NXP Semiconductors PCD3360T Datasheet HTML 10Page - NXP Semiconductors PCD3360T Datasheet HTML 11Page - NXP Semiconductors PCD3360T Datasheet HTML 12Page - NXP Semiconductors PCD3360T Datasheet HTML 13Page - NXP Semiconductors PCD3360T Datasheet HTML 14Page - NXP Semiconductors PCD3360T Datasheet HTML 15Page - NXP Semiconductors PCD3360T Datasheet HTML 16Page - NXP Semiconductors PCD3360T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Jan 15
13
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
Fig.8 Transformerless electronic ringer with PCD3360 and a loudspeaker.
handbook, full pagewidth
OSC
IS1 IS2
y
x
RR1
TS1
RR2
TR1
MGD712
RV
BST72A
D2
BAX18A
DM
TS2
FDI
FDE
OPT
TONE
FL
FH
PCD3360
VDD
VSS
VI
VH = 17 V
VL = 3.4 V
0
0
t
t
VFDI
C4
56 pF
C2
10 nF
L1
3 mH
C1
1
µF
C3
10
µF
D3
BZX79-C6V8
D1
BZW03-C68
R4
365 k
Ω
50
Ω
R3
100 k
Ω
R1
1 k
Ω
R2
680 k
Ω
(5 W)
b/a
ZI
VI
1N5060
(4
×)
a/b
handbook, full pagewidth
OSC
IS1
IS2
RR1
TS1
RR2
TR1
MGD711
PXE
transducer
RV
TR2
BST72A
BST72A
D2
BAX18A
TS2
DM
FDI
FDE
OPT
TONE
FL
FH
PCD3360
VDD
VSS
C4
56 pF
C2
10 nF
C1
1
µF
C3
10
µF
D3
BZX79-C6V8
D1
BZW03-C68
R4
365 k
Ω
R3
100 k
Ω
R5
100 k
Ω
R1
1 k
Ω
R2
680 k
Ω
(5 W)
b/a
1N5060
(4
×)
a/b
Fig.9 PCD3360 ringer with PXE transducer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com