Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD4440T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCD4440T
Description  Analog voice scrambler/descrambler
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD4440T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCD4440T Datasheet HTML 4Page - NXP Semiconductors PCD4440T Datasheet HTML 5Page - NXP Semiconductors PCD4440T Datasheet HTML 6Page - NXP Semiconductors PCD4440T Datasheet HTML 7Page - NXP Semiconductors PCD4440T Datasheet HTML 8Page - NXP Semiconductors PCD4440T Datasheet HTML 9Page - NXP Semiconductors PCD4440T Datasheet HTML 10Page - NXP Semiconductors PCD4440T Datasheet HTML 11Page - NXP Semiconductors PCD4440T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Dec 20
8
Philips Semiconductors
Product specification
Analog voice scrambler/descrambler
PCD4440T
7.5
Serial clock input (SCL), Serial data input
(SDA)
SCL and SDA are serial clock and data lines which
conform to the I2C-bus specification. Both inputs must be
pulled up externally to VDD through resistors of
approximately 10 k
Ω.
7.6
Address input (A0)
A0 is the slave address input and is used to set one bit of
the slave address, so as to identify one of two PCD4440T
devices connected to the same I2C-bus. Whether another
PCD4440T is connected to the bus or not, A0 must be
connected to VDD or VSS. The remaining bits of the slave
address are fixed internally.
7.7
I2C-bus data configuration
The PCD4440T is always a slave receiver in the I2C-bus
configuration (the R/W bit = 0). The slave address consists
of 7 bits, where the least significant is set by the input on
A0. The more significant bits are fixed internally, as shown
in Fig.5. For definition of D0-D4, see Table 1.
7.8
Signal input (IN), Signal output (OUT)
Signal input for the scrambler/descrambler is coupled into
a ‘Sallen and Key’ anti-aliasing filter configuration. A DC
bias voltage of 1
⁄2VDD is built-in.
The analog signal output is buffered to achieve a relatively
low output impedance of roughly 1 k
Ω which is sufficient to
drive the earpiece amplifier or similar applications.
handbook, full pagewidth
MGG732
S
110111
A0
0
A
0000
D3
D2
D1
D0
A
P
slave address
data
R/W
MSB
acknowledge
acknowledge
internal STROBE
Fig.5 I2C-bus data format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com