Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD16M16 Datasheet(PDF) 13 Page - Austin Semiconductor

Part # AS4SD16M16
Description  256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD16M16 Datasheet(HTML) 13 Page - Austin Semiconductor

Back Button AS4SD16M16 Datasheet HTML 9Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 10Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 11Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 12Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 13Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 14Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 15Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 16Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 17Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD16M16
Austin Semiconductor, Inc.
AS4SD16M16
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
Data from any READ burst may be truncated with a
subsequent WRITE command, and data from a fixed-length
READ burst may be immediately followed by data from a WRITE
command (subject to bus turn-around limitations). The WRITE
burst may be initiated on the clock edge immediately following
the last (or last desired) data element from the READ burst,
provided that I/O contention can be avoided. In a given
system design, there may be a possibility that the device
driving the input data will go Low-Z before the SDRAM DQs
go High-Z. In this case, at least a single-cycle delay should
occur between the last read data and the WRITE command.
The DQM input is used to avoid I/O contention, as shown
in Figures 9 and 10. The DQM signal must be asserted (HIGH)
at least two clocks prior to the write command (DQM latency is
two clocks for output buffers) to suppress data-out from the
READ. Once the WRITE command is registered, the DQs will
go High-Z (or remain High-Z), regardless of the state of the
DQM signal; provided the DQM was active on the clock just
prior to the WRITE command that truncated the READ
command. If not, the second WRITE will be an invalid WRITE.
For example, if DQM was LOW during T4 in Figure 10, the
WRITEs at T5 and T7 would be valid, while the WRITE at T6
would be invalid.
The DQM signal must be de-asserted prior to the WRITE
command (DQM latency is zero clocks for input buffers) to
ensure that the written data is not masked. Figure 9 shows the
case where the clock frequency allows for bus contention to be
avoided without adding a NOP cycle, and Figure 10 shows the
case where the additional NOP is needed.
A fixed-length READ burst may be followed by, or trun-
cated with, a PRECHARGE command to the same bank (pro-
vided that auto precharge was not activated), and a full-page
burst may be truncated with a PRECHARGE command to the
same bank. The PRECHARGE command should be issued x
cycles before the clock edge at which the last desired data
element is valid, where x equals the CAS latency minus one.
This is shown in Figure 11 for each possible CAS latency; data
element n+3 is either the last of a burst of four or the last desired
of a longer burst. Following the PRECHARGE command, a
subsequent command to the same bank cannot be issued until
t
RP
is met. Note that part of the row precharge time is hidden
during the access of the last data element(s).
In the case of a fixed-length burst being executed to
completion, a PRECHARGE command issued at the optimum
time (as described above) provides the same operation that
would result from the same fixed-length burst with auto
precharge. The disadvantage of the PRECHARGE command is
that it requires that the command and address buses be
available at the appropriate time to issue the command; the
advantage of the PRECHARGE command is that it can be used
to truncate fixed-length or full-page bursts.
Full-page READ bursts can be truncated with the BURST
TERMINATE command, and fixed-length READ bursts may be
truncated with a BURST TERMINATE command, provided that
auto precharge was not activated. The BURST TERMINATE
command should be issued x cycles before the clock edge at
which the last desired data element is valid, where x equals the
CAS latency minus one. This is shown in Figure 12 for each
possible CAS latency; data element n+3 is the last desired data
element of a longer burst.
FIGURE 9: READ to WRITE
FIGURE 10: READ to WRITE With
Extra Clock Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com