Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-5S/IT Datasheet(PDF) 12 Page - Austin Semiconductor

Part # AS4LC4M16DG-5S/IT
Description  4 MEG x 16 DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-5S/IT Datasheet(HTML) 12 Page - Austin Semiconductor

Back Button AS4LC4M16DG-5S/IT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 9Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 10Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 11Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 12Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 13Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 14Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 15Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 16Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
12
AS4LC4M16
Rev. 1.0 7/02
NOTES (Continued):
35. V
IH
overshoot: V
IH
(MAX) - V
CC
+ 2V for a pulse width £
3ns, and the pulse width cannot be greater than one third of the
cycle rate. V
IL
undershoot: V
IL
(MIN) = -2V for a pulse width £
3ns, and the pulse width cannot be greater then one third of the
cycle rate.
36. NC pins are assumed to be left floating and are not tested for
leakage.
37. Self refresh and extended refresh for the device requires that
at least 4,096 cycles be completed every 128ms.
38. Self refresh version on IT temp parts only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com