Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-6S/XT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS4LC4M16DG-6S/XT
Description  4 MEG x 16 DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-6S/XT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS4LC4M16DG-6S/XT Datasheet HTML 3Page - Austin Semiconductor AS4LC4M16DG-6S/XT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M16DG-6S/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M16DG-6S/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16DG-6S/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-6S/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-6S/XT Datasheet HTML 9Page - Austin Semiconductor AS4LC4M16DG-6S/XT Datasheet HTML 10Page - Austin Semiconductor AS4LC4M16DG-6S/XT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
7
AS4LC4M16
Rev. 1.0 7/02
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
ABSOLUTE MAXIMUM RATINGS*
Voltage on V
CC
Relative to V
SS
.......................................-1V to +4.6V
Voltage on NC, Inputs or I/O Pins
Relative to V
SS
...................................................-1V to +4.6V
Power Dissipation...........................................................................1W
Operating temperature range, T
A
(ambient)..............-55°C to 125°C
Storage temperature (plastic)......................................-55°C to 150°C
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS1
(V
CC
= +3.3V ±0.3V)
PARAMETERS
SYM
MIN
MAX
UNITS
NOTES
SUPPLY VOLTAGE
VCC
3
3.6
V
INPUT HIGH VOLTAGE:
Valid Logic 1; All inputs, I/Os and any NC
VIH
2VCC + 0.3
V
35
INPUT LOW VOLTAGE:
Valid Logic 0; All inputs, I/Os and any NC
VIL
-0.3
0.8
V
35
INPUT LEAKAGE CURRENT:
Any input at VIN (0V < VIN < VCC +0.3V);
All other pins not under test = 0V
II
-2
2
µA
36
OUTPUT LEAKAGE CURRENT:
Any input at VOUT (0V < VOUT < VCC +0.3V);
DQ is disabled and in High-Z state
IOZ
-5
5
µA
OUTPUT HIGH VOLTAGE:
IOUT = -2mA
VOH
2.4
---
V
OUTPUT LOW VOLTAGE:
IOUT = 2mA
VOL
---
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com