Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B39431-R2701-U310 Datasheet(PDF) 3 Page - EPCOS

Part # B39431-R2701-U310
Description  SAW Components Resonator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39431-R2701-U310 Datasheet(HTML) 3 Page - EPCOS

  B39431-R2701-U310 Datasheet HTML 1Page - EPCOS B39431-R2701-U310 Datasheet HTML 2Page - EPCOS B39431-R2701-U310 Datasheet HTML 3Page - EPCOS B39431-R2701-U310 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Aug 31, 2004
SAW Components
R 2701
433,92 MHz
Resonator
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating Source impedance:
ZS = 50 Ω
Terminating Load impedance:
ZL = 50 Ω
1) Temperature dependence of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Center frequency
fc
433,845
433,920
433,995
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
9,2
10,5
dB
Phase at fc
ϕ
160
˚ el.
Loaded quality factor
QL
5000
7800
Unloaded quality factor
QU
8000
11200
Ageing of fc
——
±50
ppm
Equivalent circuit elements
Motional capacitance
C1
0,141
fF
Motional inductance
L1
954
µH
Motional resistance
R1
230
Input / Output capacitance
C0
2,3
pF
Temperature coefficient of frequency 1)
TCf
–0,03
ppm/K2
Turnover temperature
T0
—40
˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com