Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS132 Datasheet(PDF) 4 Page - ABB

Part # MS132
Description  Manual motor starter MS132
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MS132 Datasheet(HTML) 4 Page - ABB

  MS132 Datasheet HTML 1Page - ABB MS132 Datasheet HTML 2Page - ABB MS132 Datasheet HTML 3Page - ABB MS132 Datasheet HTML 4Page - ABB MS132 Datasheet HTML 5Page - ABB MS132 Datasheet HTML 6Page - ABB MS132 Datasheet HTML 7Page - ABB MS132 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 2CDC131021D0201
Data at T
A = 40 °C and at rated values, if nothing else indicated
Type
MS132
Technical data
Terminals
Main circuit
1L1-3L3-5L5
2T1-4T2-6T3
Rated operational voltage U
e acc. to IEC/EN 60947-1
AC
690 V
DC
-
Rated operational current I
e
see separate table
Rated current I
n /
see „Rated Operational Current“
Conventional free-air thermal current I
th
Setting range - thermal overload protection
see ordering data
Rated instantaneous short-circuit current setting I
i
see separate table
Rated service short-circuit breaking capacity I
cs
see separate table
Rated ultimate short-circuit breaking capacity I
cu
see separate table
Trip class acc. to IEC/EN 60947-4-1
see ordering data
Rated frequency acc. to IEC/EN 60947-1
50 / 60 Hz
Number of poles
3
Resistence per phase
see separate table
Power loss per phase
lower value of setting range
see separate table
upper value of setting range
see separate table
Isolation data
Rated impulse withstand voltage U
imp acc. to IEC/EN 60947-1
6 kV
Rated insulation voltage U
i acc. to IEC/EN 60947-1
690 V
Pollution degree acc. to IEC/EN 60664
3
Electrical connection
MS132
≤ 10A
Connecting capacity
solid
1/2 x 1 ... 4 mm2
flexible with ferrule
1/2 x 0.75 ... 2.5 mm2
flexible with ferrule isolated
1/2 x 0.75 ... 2.5 mm2
flexible without ferrule
1/2 x 0.75 ... 2.5 mm2
Stripping length
9 mm
Tightening torque
0.8 ... 1.2 Nm
Connection screw
M3.5 (Pozidrive 2)
MS132-16
Connecting capacity
solid
1/2 x 1 ... 4 mm2
flexible with ferrule
1/2 x 0.75 ... 2.5 mm2
flexible with ferrule isolated
1/2 x 0.75 ... 2.5 mm2
flexible without ferrule
1/2 x 0.75 ... 2.5 mm2
Stripping length
10 mm
Tightening torque
1.5 Nm
Connection screw
M4 (Pozidrive 2)
MS132-20, -25, -32
Connecting capacity
solid
1/2 x 2.5 ... 6 mm2
flexible with ferrule
1/2 x 1 ... 6 mm2
flexible with ferrule isolated
1/2 x 1 ... 6 mm2
flexible without ferrule
1/2 x 2.5 ... 6 mm2
Stripping length
10 mm
Tightening torque
2 Nm
Connection screw
M4 (Pozidrive 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com