Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5LC1008DCJ-10/XT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS5LC1008DCJ-10/XT
Description  128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC1008DCJ-10/XT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS5LC1008DCJ-10/XT Datasheet HTML 1Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 2Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 3Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 4Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 5Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 6Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 7Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 8Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC1008
Austin Semiconductor, Inc.
AS5LC1008
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A
< +125oC or -40oC to +85oC; Vcc = 3.3V +0.3V)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Output HIGH Voltage
VOH
VCC = Min., IOH = -4.0mA
2.4
---
V
Output LOW Voltage
VOL
VCC = Min., IOL = 8.0mA
---
0.4
V
Input HIGH Voltage
VIH
2.2
VCC + 0.3
V
Input LOW Voltage
1
VIL
-0.3
0.8
V
Input Leakage
ILI
GND < VIN < VCC
-5
5
µA
Output Leakage
ILO
GND < VOUT < VCC;
Outputs Disabled
-5
5
µA
NOTE: 1. V
IL = -3.0V for pulse width less than 10ns.
POWER SUPPLY CHARACTERISTICS1
(-55oC < T
A < +125
oC or -40oC to +85oC; Vcc = 3.3V +0.3V)
NOTE: 1. At f = f
MAX
, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
CAPACITANCE1,2
PARAMETER
SYMBOL CONDITIONS
MAX
UNIT
Input Capacitance
CIN
VIN = 0V
6pF
Input/Output Capacitance
CI/O
VOUT = 0V
8pF
NOTE:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: T
A
= 25°C, f = 1MHz, V
CC
= 3.3V.
PARAMETER
SYM
CONDITIONS
MIN MAX MIN MAX MIN MAX MIN MAX UNIT
VCC Dynamic Operating
Supply Current
ICC
VCC = Max, CE\ = VIL,
IOUT = 0 mA, f = Max
---
160
---
140
---
130
---
120
mA
ISB
VCC = Max, VIN = VIH or VIL
CE\ > VIH, f = Max
---
45
---
40
---
35
---
30
mA
ISB1
VCC = Max, VIN = VIH or VIL
CE\ > VIH, f = 0
---
30
---
30
---
30
---
30
mA
CMOS Standby Current
(CMOS Inputs)
ISB2
VIN > VCC - 0.2V,
or VIN < 0.2V, f = 0
---
10
---
10
---
10
---
10
mA
-10
-12
-20
TTL Standby Current
(TTL Inputs)
-15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com