Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT50 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT50
Description  Thermo-Hygrometer PCE-HT 50
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT50 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT50 Datasheet HTML 1Page - PCE Instruments. PCE-HT50 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring function
Measuring
range
Resolution
Accuracy
Air temperature
-20 ... 60°C / -4
... 140°F
0.1°C / 0.18°F
± 1°C / 1.8°F
Humidity
20 ... 99% rh
1% rh
± 3% (50 ...
80% rh)
± 5%
(remaining
area)
Temperature (external)
-50 ... 100°C /
-58 ... 212°F
0.1°C/ 0.18°F
± 1°C
Representable units
°C / °F
Additional display
Date, time, comfort
level
Power supply
2 x 1.5V AAA battery
Operating conditions
-20 ... 60 ° C/ -4 ...
140°F, max. 90% rh
Storage conditions
-40 ... 60 ° C/ -4 ...
140°F, max. 90% rh
Dimensions
117 x 95 x 23 mm
/ 4.6 x 3.7 x
0.9 in
Dimensions of external
Temperature sensor
Ø 4 x 25 mm
Cable length: Approx.
140 cm
Weight
Approx. 185 g / < 1 lb
incl. batteries
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com