Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-P18 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-P18
Description  Humidity Sensor PCE-P18 Modbus RTU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-P18 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-P18 Datasheet HTML 1Page - PCE Instruments. PCE-P18 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technical data humidity sensor PCE-P18
humidity
measuring range
0 ... 100% RH
accuracy
± 2% (in the range 10% .... 90% RH)
3% (remaining area)
hysteresis
± 1% RH
temperature
measuring range
- 20 ... 60 ° C
accuracy
± 0.7% of the measuring range
temperature effect
± 25% / 10 ° C
Humidity sensor output
Data Interface
RS-485 Modbus RTU
transfer mode
8N1, 8N2, 8E1, 8O1
baud rate
4800 bps
9600 bps
19200 bps
38400 bps
57600 bit / s
General technical data for humidity sensors
supply voltage
19 V ... 30 V DC
power
<1.5 W
ambient temperature - 30 ° C ... 85 ° C
Max. humidity
≤ 95% RH
preheat
15 minutes
degree of protection IP 65
Assembly
wall mounting
Dimensions (wxhxd) 35 x 58 x 118 mm
Weight
125 g
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com