Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755EP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD3755EP
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755EP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD3755EP Datasheet HTML 6Page - NXP Semiconductors PCD3755EP Datasheet HTML 7Page - NXP Semiconductors PCD3755EP Datasheet HTML 8Page - NXP Semiconductors PCD3755EP Datasheet HTML 9Page - NXP Semiconductors PCD3755EP Datasheet HTML 10Page - NXP Semiconductors PCD3755EP Datasheet HTML 11Page - NXP Semiconductors PCD3755EP Datasheet HTML 12Page - NXP Semiconductors PCD3755EP Datasheet HTML 13Page - NXP Semiconductors PCD3755EP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1997 Apr 16
10
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
6.4
DTMF frequencies
Assuming an oscillator frequency fxtal = 3.58 MHz, the
DTMF standard frequencies can be implemented as
shown in Table 6.
The relationships between telephone keyboard symbols,
DTMF frequency pairs and the frequency register contents
are given in Table 7.
Table 6
DTMF standard frequencies and their
implementation; value = LGF, HGF contents
Table 7
Dialling symbols, corresponding DTMF
frequency pairs and frequency register contents
VALUE
(HEX)
FREQUENCY (Hz)
DEVIATION
STANDARD
GENERATED
(%)
(Hz)
DD
697
697.90
0.13
0.90
C8
770
770.46
0.06
0.46
B5
852
850.45
−0.18 −1.55
A3
941
943.23
0.24
2.23
7F
1209
1206.45
−0.21 −2.55
72
1336
1341.66
0.42
5.66
67
1477
1482.21
0.35
5.21
5D
1633
1638.24
0.32
5.24
TELEPHONE
KEYBOARD
SYMBOLS
DTMF FREQ.
PAIRS
(Hz)
LGF
VALUE
(HEX)
HGF
VALUE
(HEX)
0
(941, 1336)
A3
72
1
(697, 1209)
DD
7F
2
(697, 1336)
DD
72
3
(697, 1477)
DD
67
4
(770, 1209)
C8
7F
5
(770, 1336)
C8
72
6
(770, 1477)
C8
67
7
(852, 1209)
B5
7F
8
(852, 1336)
B5
72
9
(852, 1477)
B5
67
A
(697, 1633)
DD
5D
B
(770, 1633)
C8
5D
C
(852, 1633)
B5
5D
D
(941, 1633)
A3
5D
•
(941, 1209)
A3
7F
#
(941, 1477)
A3
67
6.5
Modem frequencies
Again assuming an oscillator frequency fxtal = 3.58 MHz,
the standard modem frequencies can be implemented as
in Table 8. It is suggested to define the frequency by the
HGF register while the LGF register contains 00H,
disabling Low Group Frequency generation.
Table 8
Standard modem frequencies and their
implementation
Notes
1. Standard is V.21.
2. Standard is Bell 103.
3. Standard is Bell 202.
4. Standard is V.23.
HGF
VALUE
(HEX)
FREQUENCY (Hz)
DEVIATION
MODEM
GENERATED
(%)
(Hz)
9D
980(1)
978.82
−0.12 −1.18
82
1180(1)
1179.03
−0.08 −0.97
8F
1070(2)
1073.33
0.31
3.33
79
1270(2)
1265.30
−0.37 −4.70
80
1200(3)
1197.17
−0.24 −2.83
45
2200(3)
2192.01
−0.36 −7.99
76
1300(4)
1296.94
−0.24 −3.06
48
2100(4)
2103.14
0.15
3.14
5C
1650(1)
1655.66
0.34
5.66
52
1850(1)
1852.77
0.15
2.77
4B
2025(2)
2021.20
−0.19 −3.80
44
2225(2)
2223.32
−0.08 −1.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com