Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002AH Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCD5002AH
Description  Enhanced Pager Decoder for APOC1/POCSAG
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002AH Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCD5002AH Datasheet HTML 38Page - NXP Semiconductors PCD5002AH Datasheet HTML 39Page - NXP Semiconductors PCD5002AH Datasheet HTML 40Page - NXP Semiconductors PCD5002AH Datasheet HTML 41Page - NXP Semiconductors PCD5002AH Datasheet HTML 42Page - NXP Semiconductors PCD5002AH Datasheet HTML 43Page - NXP Semiconductors PCD5002AH Datasheet HTML 44Page - NXP Semiconductors PCD5002AH Datasheet HTML 45Page - NXP Semiconductors PCD5002AH Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGL565
PCD5002A
DECODER
M
ATL ATH
VIB
LED
CCP CCN
100 nF
Cs
BATTERY
POSITIVE
4.7
k
Ω
4.7
k
Ω
(1)
(1)
(2)
(2)
V
function
keys
RST
DON
INT
REF
ALC
SDA
SCL
V
MICROCONTROLLER
LCD
LCD
DRIVER
V
V
LCD
DRIVER
V
V
RECEIVER
V
V
DATA
OUT
BAT
REF
PWR
CTRL
ANT
OSC
FREQUENCY
SYNTHESIZER
V
V
PWR
CTRL
DATA
CLK
VCO
LATCH
10 pF
ZSC
ZLE
ROE
ZSD
RXE
RDI
BAT
2.2 M
Ω
76.8 kHz
XTAL1
XTAL2
BATTERY
NEGATIVE
TS1
TS2
n.c.
DQC
n.c.
n.c.
I2C-bus
10
µF
VDD
VSS
VPR
VPO
(1) Value depends on number of devices attached
.
(2) Values should be chosen to give a time constant of at least 150
µs. C = 2.2 nF and R = 100 kΩ are recommended.
Fig.17 Typical application example (display pager).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com