Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1253 Datasheet(PDF) 1 Page - MTRONPTI

Part # M1253
Description  Surface Mount Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M1253 Datasheet(HTML) 1 Page - MTRONPTI

  M1253_07 Datasheet HTML 1Page - MTRONPTI M1253_07 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M1253 Surface Mount Crystal
2.5 x 3.2 x 0.65 mm
Features:
Ultra-Miniature Size
Tape & Reel
Leadless Ceramic Package - Seam Sealed
Applications:
Handheld Electronic Devices
PDA, GPS, MP3
Portable Instruments
PCMCIA Cards
Bluetooth
•
•
•
•
•
•
•
•
Revision: 03-07-08


Similar Part No. - M1253_07

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M1253-2545-AL RAF-M1253-2545-AL Datasheet
71Kb / 1P
4.5 MM HEX FEMALE STANDOFFS
M1253-3005-AL RAF-M1253-3005-AL Datasheet
69Kb / 1P
4.5 MM HEX FEMALE STANDOFFS
M1253-3005-SS RAF-M1253-3005-SS Datasheet
69Kb / 1P
4.5 MM HEX FEMALE STANDOFFS
logo
MTRONPTI
M12531DD MTRONPTI-M12531DD Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
M12531DE MTRONPTI-M12531DE Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
More results

Similar Description - M1253_07

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
ECM Electronics Limited...
CM309S ECM-CM309S Datasheet
69Kb / 1P
Surface Mount Crystal
ECX6034 ECM-ECX6034 Datasheet
71Kb / 1P
Surface Mount Crystal
logo
Vishay Siliconix
XT36C VISHAY-XT36C Datasheet
104Kb / 3P
Surface Mount Crystal
18-Oct-07
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com