Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ5-43502PM Datasheet(PDF) 2 Page - CUI Devices

Part # SJ5-43502PM
Description  AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SJ5-43502PM Datasheet(HTML) 2 Page - CUI Devices

  SJ5-43502PM Datasheet HTML 1Page - CUI Devices SJ5-43502PM Datasheet HTML 2Page - CUI Devices SJ5-43502PM Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: SJ5-43502PM | DESCRIPTION: AUDIO JACK
date 10/05/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
Model No.
SJ5-43502PM
Schematic
PIN
1
tip
2
ring 1
3
ring 2
4
sleeve
1.25 0.049
2.60.102
2.60.102
2.50.099
5.3 0.209
0.90.035
(2 PLCS)
1.00.039
M7X0.75
2.00
0.157
0.315
0.079
0.059
1.5
0.177
4.5
9.00.354
0.402
10.2
4.0
8.0
1.0
0.15
0.039
3
4
1
2
0.1
0.079
(2 PLCS)
2.0
2.20.087
0.10 (2 PLCS)
(2 PLCS)
0.118
3.0
0.8
0.15
0.031
(2 PLCS)
A
A
SECTION A-A
SCALE 3 : 1
0.80.031
0.15
3.60.142
10.00.394
1
3
2
4
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
nut
steel
nickel
2
terminal 1
phoshphor bronze
gold
3
terminal 2
phoshphor bronze
nickel
4
terminal 3
phoshphor bronze
nickel
5
terminal 4
phoshphor bronze
nickel
6
shell
brass
nickel
7
housing
PBT (UL94V-0)
black
units: mm
tolerance: ±0.3 mm
unless otherwise noted
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com