Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32002BMPJ Datasheet(PDF) 2 Page - MTRONPTI

Part # M32002BMPJ
Description  9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M32002BMPJ Datasheet(HTML) 2 Page - MTRONPTI

  M32002BMPJ Datasheet HTML 1Page - MTRONPTI M32002BMPJ Datasheet HTML 2Page - MTRONPTI M32002BMPJ Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M320x Series
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
Output Waveform: LVDS/CML/PECL
LVDS Load Circuit
3.3V LVPECL Load Circuit
Revision: 11-21-06
QiK Chip™



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com