Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3R14FAJ-R Datasheet(PDF) 1 Page - MTRONPTI

Part # M3R14FAJ-R
Description  9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M3R14FAJ-R Datasheet(HTML) 1 Page - MTRONPTI

  M3R14FAJ-R Datasheet HTML 1Page - MTRONPTI M3R14FAJ-R Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M3R Series
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
94
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see
www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M3R Series
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
Pin Connections
NOTE: A capacitor of value 0.01
µF or greater between Vdd and
Ground is recommended.
1. See load circuit diagram #2 on page 116.
2. Rise/Fall times are measured between 10% Vdd and 90% Vdd with HCMOS load.
3. TTL output drive capability is 2 TTL (10 LS - TTL).
NOTE: A capacitor of value
0.01 mF or greater between Vdd
and Ground is recommended.
Revision: 12-06-06
Pin Connections
94
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see
www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M3R Series
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
Pin Connections
NOTE: A capacitor of value 0.01
µF or greater between Vdd and
Ground is recommended.
1. See load circuit diagram #2 on page 116.
2. Rise/Fall times are measured between 10% Vdd and 90% Vdd with HCMOS load.
3. TTL output drive capability is 2 TTL (10 LS - TTL).
94
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see
www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M3R Series
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
Pin Connections
NOTE: A capacitor of value 0.01
µF or greater between Vdd and
Ground is recommended.
1. See load circuit diagram #2 on page 116.
2. Rise/Fall times are measured between 10% Vdd and 90% Vdd with HCMOS load.
3. TTL output drive capability is 2 TTL (10 LS - TTL).
94
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see
www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M3R Series
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
Pin Connections
NOTE: A capacitor of value 0.01
µF or greater between Vdd and
Ground is recommended.
1. See load circuit diagram #2 on page 116.
2. Rise/Fall times are measured between 10% Vdd and 90% Vdd with HCMOS load.
3. TTL output drive capability is 2 TTL (10 LS - TTL).


Similar Part No. - M3R14FAJ-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3R14FAJ-R MTRONPTI-M3R14FAJ-R Datasheet
256Kb / 1P
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
More results

Similar Description - M3R14FAJ-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MHR MTRONPTI-MHR Datasheet
259Kb / 1P
9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M3R MTRONPTI-M3R Datasheet
256Kb / 1P
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3V MTRONPTI-M3V Datasheet
262Kb / 1P
9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
M7S MTRONPTI-M7S Datasheet
255Kb / 1P
9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
M7S_0611 MTRONPTI-M7S_0611 Datasheet
286Kb / 2P
9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
MHR_0611 MTRONPTI-MHR_0611 Datasheet
290Kb / 2P
9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M3R MTRONPTI-M3R_08 Datasheet
456Kb / 2P
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3V MTRONPTI-M3V_07 Datasheet
418Kb / 2P
9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
M7S MTRONPTI-M7S_08 Datasheet
429Kb / 2P
9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
MHR MTRONPTI-MHR_07 Datasheet
404Kb / 2P
9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com