Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS58C1001DCJ-20/XT Datasheet(PDF) 21 Page - Austin Semiconductor

Part # AS58C1001DCJ-20/XT
Description  128K x 8 EEPROM EEPROM Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001DCJ-20/XT Datasheet(HTML) 21 Page - Austin Semiconductor

Back Button AS58C1001DCJ-20/XT Datasheet HTML 14Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 15Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 16Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 17Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 18Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 19Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 20Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 21Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 22Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 5.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21
End
Of
Life
ORDERING INFORMATION
Device Number
Package
Type
Speed
ns
Process
Device Number
Package
Type
Speed
ns
Process
AS58C1001
ECA
-15
/*
AS58C1001
F
-15
/*
AS58C1001
ECA
-20
/*
AS58C1001
F
-20
/*
AS58C1001
ECA
-25
/*
AS58C1001
F
-25
/*
EXAMPLE: AS58C1001DCJ-20/IT
Device Number
Package
Type
Speed
ns
Process
Device Number
Package
Type
Speed
ns
Process
AS58C1001
SF
-15
/*
AS58C1001
DCJ
-15
/*
AS58C1001
SF
-20
/*
AS58C1001
DCJ
-20
/*
AS58C1001
SF
-25
/*
AS58C1001
DCJ
-25
/*
EXAMPLE: AS58C1001DG-15/XT **
Device Number
Package
Type
Speed
ns
Process
AS58C1001
DG
-15
/*
AS58C1001
DG
-20
/*
AS58C1001
DG
-25
/*
EXAMPLE: AS58C1001ECA-20/XT
EXAMPLE: AS58C1001SF-15/IT
EXAMPLE: AS58C1001F-25/883C
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
**NOTE: DG package available as XT and IT only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com