Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS49 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS49
Description  SS49/SS19 Series Analog Position Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS49 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS49 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS49 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS49 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS49 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Installation Instructions for the
ISSUE 2
SS49/SS19 Series Analog Position Sensors
PK 88740
MICRO SWITCH Sensing and Control
PERSONAL INJURY
• DO NOT USE these products as safety or
emergency stop devices, or in any other
application where failure of the product could
result in personal injury.
Failure to comply with these instructions could
result in death or serious injury.
SS49/SS19 ELECTRICAL CHARACTERISTICS
Supply Voltage
4 to 10 VDC
Supply Current
4 mA typ.
Output Type
Analog Sourcing
Output Voltage @ 0
Gauss, 25
°C
1.75 to 2.25 V @ 5 V
Sensitivity (measured
between -400 and +400
gauss), mV/G
Min.
0.60
Typ.
0.90
Max.
1.25
Operating Temperature
-40 to +100
°C (-40 to 212°F)
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Vs)
± 12 VDC
Output Current
20 mA
Storage Temperature
-55 to +150
°C (-67 to
+302
°F)
Magnetic Flux
No limit. Circuit cannot be
damaged by magnetic
overdrive.
Absolute maximum ratings are the extreme limits
the device will withstand without damage to the
device. However, the electrical and mechanical
characteristics are not guaranteed as the maximum
limits (above recommended operating conditions)
are approached, nor will the device necessarily
operate at absolute maximum ratings.
SOLDERING/ASSEMBLY
SS49
Support leads during any forming/shearing
operation. Do not stress leads inside plastic case.
Hand soldering - Use 60/40 rosin core solder,
and a 399
°C (750°F) controlled temperature, 1/8”
chisel tip soldering iron. Do not hold iron on
terminals for more than four seconds. Lead
temperature at package must not exceed 250
°C
(482
°F).
Wave soldering - Use Loncoflux 106A35 or
equivalent. Set preheaters at 95
°C (200°F) for top
(component side) of PC board just prior to entering
wave. (This may be adjusted depending upon
board thickness.) Set solder temperature at 252
°C
to 260
°C max. (485°F to 500°F). Set conveyor
speed to about 4.5 feet per minute (1,37
meter/min.), choosing a speed which gives full
solder fillets and minimum bridging and icicles.
Provide rigid support for the board.
SS19/SS19T
MICRO SWITCH recommends an infrared reflow
process with peak temperatures not to exceed 190 -
200
°C (374 - 392°F) for 10 seconds maximum.
Keep exposure to high temperatures minimal.
CLEANING
Clean appropriately in accordance with applicable
safety procedures. MICRO SWITCH recommends
manual cleaning.
BLOCK DIAGRAM
TRANSFER CHARACTERISTICS


Similar Part No. - SS49

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS490 HONEYWELL-SS490 Datasheet
157Kb / 5P
Solid State Hall Effect Sensors High Performance Miniature Ratiometric Linear
logo
SEC Electronics Inc.
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913ESOT SECELECTRONICS-SS4913ESOT Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913ESOT SECELECTRONICS-SS4913ESOT Datasheet
310Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913KSOT SECELECTRONICS-SS4913KSOT Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS49

ManufacturerPart #DatasheetDescription
logo
SICK AG
MPA-719THTP0 SICK-MPA-719THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-143THTP0 SICK-MPA-143THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-251THTP0 SICK-MPA-251THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-395THTP0 SICK-MPA-395THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-539THTP0 SICK-MPA-539THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-863THTP0 SICK-MPA-863THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-899THTP0 SICK-MPA-899THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-575THTP0B01 SICK-MPA-575THTP0B01 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-395THTU0 SICK-MPA-395THTU0 Datasheet
1Mb / 6P
POSITION SENSORS
MPA-323THTU0 SICK-MPA-323THTU0 Datasheet
1Mb / 6P
POSITION SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com