Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6306 Datasheet(PDF) 13 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 13 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 9Page - VIA Technologies, Inc. VT6306 Datasheet HTML 10Page - VIA Technologies, Inc. VT6306 Datasheet HTML 11Page - VIA Technologies, Inc. VT6306 Datasheet HTML 12Page - VIA Technologies, Inc. VT6306 Datasheet HTML 13Page - VIA Technologies, Inc. VT6306 Datasheet HTML 14Page - VIA Technologies, Inc. VT6306 Datasheet HTML 15Page - VIA Technologies, Inc. VT6306 Datasheet HTML 16Page - VIA Technologies, Inc. VT6306 Datasheet HTML 17Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-7-
Pinouts
Pin Descriptions
Table 1. Pin Descriptions
PCI Bus Interface
Signal Name
Pin #
I/O
Signal Description
AD[31:0]
97-101, 104-106,
109-110, 112,
116-120, 5-7,
10-14, 17-19,
21-23, 27-28
IO
Address / Data Bus.
The standard PCI address and data lines. The address is driven
with FRAME# assertion and data is driven or received in following cycles.
CBE[3:0]#
107, 122, 4, 15
IO
Command / Byte Enable.
The command is driven with FRAME# assertion. Byte
enables corresponding to supplied or requested data are driven on following clocks.
FRAME#
123
IO
Frame.
Assertion indicates the address phase of a PCI transfer. Negation indicates
that one more data transfer is desired by the cycle initiator.
DEVSEL#
127
IO
Device Select.
As an output, this signal is asserted to claim PCI transactions through
positive or subtractive decoding. As an input, DEVSEL# indicates the response to a
VT6306-initiated transaction and is also sampled when decoding whether to
subtractively decode the cycle.
TRDY#
126
IO
Target Ready.
Asserted when the target is ready for data transfer.
IRDY#
124
IO
Initiator Ready.
Asserted when the initiator is ready for data transfer.
PREQ#
96
O
PCI Bus Request.
Asserted by the bus master to indicate to the bus arbiter that it
wants to use the bus.
PGNT#
95
I
PCI Bus Grant.
Asserted to indicate that access to the bus is granted.
IDSEL
108
I
Initialization Device Select.
IDSEL is used as a chip select during configuration
read and write cycles.
INTA#
91
O
Interrupt.
An asynchronous signal used to request an interrupt.
PCICLK
93
I
PCI Clock.
Timing reference for all transactions on the PCI Bus.
PCIRST#
92
I
Reset.
When detected low, an internal hardware reset is performed. PCIRST#
assertion or deassertion may be asynchronous to PCLK, however, it is recommended
that deassertion be synchronous to guarantee a clean and bounce free edge.
PAR
3
IO
Parity.
A single parity bit is provided over AD[31:0] and C/BE[3:0]#.
PERR#
2
O
Parity Error.
Parity error is asserted when a data parity error is detected.
STOP#
128
IO
Stop.
Asserted by the target to request the master to stop the current transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com