Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3596L-XX-TQ5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P3596L-XX-TQ5-R
Description  150KHZ, 3A PWM STEP-DOWN DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3596L-XX-TQ5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P3596L-XX-TQ5-R Datasheet HTML 1Page - Unisonic Technologies P3596L-XX-TQ5-R Datasheet HTML 2Page - Unisonic Technologies P3596L-XX-TQ5-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P3596
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-023.I
150KHZ, 3A PWM STEP-DOWN
DC/DC CONVERTER
DESCRIPTION
The UTC P3596 series is a step-down switching regulator able
to provide 3A output current. The available output voltages are
2.5V, 3.3V, 5V, 12V, and an adjustable output version.
FEATURES
*Output load current: 3A
*Adjustable version output voltage range, 1.23V ~ 32V±4%
*Operating voltage can be up to 35V
*Low power standby mode
*High efficiency
*Internal current and thermal limit
TO-220B
1
TO-220-5
1
1
TO-263-5
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
P3596L-xx-TB5-T
P3596G-xx-TB5-T
TO-220B
Tube
P3596L-xx-TA5-T
P3596G-xx-TA5-T
TO-220-5
Tube
P3596L-xx-TQ5-R
P3596G-xx-TQ5-R
TO-263-5
Tape Reel
P3596L-xx-TQ5-T
P3596G-xx-TQ5-T
TO-263-5
Tube
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - P3596L-XX-TQ5-R

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
P35-0702T BOOKHAM-P35-0702T Datasheet
277Kb / 3P
GaAs MMIC SPDT Terminated Switch, DC-2GHz
logo
Tripp Lite. All Rights ...
P350-10N-10 TRIPPLITE-P350-10N-10 Datasheet
156Kb / 2P
Hook-and-Loop Cable Ties, 10" L x 5/8" W - 10-Pack
logo
YAMAHA CORPORATION
P3500 YAMAHA-P3500 Datasheet
7Mb / 37P
POWER AMPLIFIERS
logo
UN Semiconducctor INC
P3500DM UNSEMI-P3500DM Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Shanghai Shunye Electro...
P3500DM SHUNYE-P3500DM Datasheet
1Mb / 4P
PxxxxDM Series TSS
More results

Similar Description - P3596L-XX-TQ5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
AiT Semiconductor Inc.
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
logo
TECH PUBLIC Electronics...
LM2596 TECHPUBLIC-LM2596 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
LM2596 TECHPUBLIC-LM2596_V01 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com